Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPP-72 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPP-72
Description  Fast Make Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPP-72 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPP-72 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPP-72 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPP-72
Fast Make Oscillator Specification
ISSUE 11; June 2016
Outline (mm)
Description
PLL based, one time only factory programmable (for a fast
lead time) crystal oscillator in a hermetically sealed ceramic
package with a metal lid.
This model is not approved for on-board avionics applications;
in such instances our ‘CFPP-72 AVIATION’ version should be
specified.
See CFPS-72 for standard crystal oscillator alternative.
Frequency Parameters
Frequency
1.0MHz to 150.0MHz
Frequency Stability
±25.00ppm to ±100.00ppm
±5ppm max in 1st year @ 25°C
Ageing
Electrical Parameters
5.0V ±0.5V
Supply Voltage
Operating Temperature Ranges
0 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Logic ‘1’ to pad 1 enables oscillator output
Logic ‘0’ to pad 1 disables oscillator output; when disabled the
oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Drive Capability
0.0MHz to 66.0MHz
50pF max
66.0MHz to 150.0MHz
25pF max
Noise Parameters
Jitter pk-pk:
1 to 33MHz 250ps max
>33MHz
175ps max
Jitter pk-pk:
1 to 33MHz 100ps typ
>33MHz
75ps typ
Environmental Parameters
Storage Temperature Range: –55 to 125°C
Ordering Information
Frequency*
Model*
Output Compatibility
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
Example
20.0MHz CFPP-72
CMOS ±50ppm –40 to 85C 5.0V
Printed on 23 Sep 16 16:03 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPP-72

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
   Fast Make Oscillator Specification
More results

Similar Description - CFPP-72

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-23 IQD-CFPP-23 Datasheet
954Kb / 2P
   Fast Make Oscillator Specification
CFPP-40 IQD-CFPP-40 Datasheet
305Kb / 2P
   Fast Make Oscillator Specification
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
   Fast Make Oscillator Specification
CFPP-54 IQD-CFPP-54 Datasheet
277Kb / 2P
   Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
   Fast Make Oscillator Specification
CFPP-9 IQD-CFPP-9 Datasheet
365Kb / 2P
   Fast Make Oscillator Specification
CFPP-39 IQD-CFPP-39 Datasheet
304Kb / 2P
   Fast Make Oscillator Specification
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
   Fast Make Oscillator Specification
IQXP-10 IQD-IQXP-10 Datasheet
186Kb / 2P
   Fast Make Oscillator Specification
CFPP-131 IQD-CFPP-131 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
CFPP-307 IQD-CFPP-307 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com