Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-U1-0000-00C8G Datasheet(PDF) 10 Page - Cree, Inc

Part # XPGDWT-U1-0000-00C8G
Description  Cree XLamp XP-G3 LEDs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-U1-0000-00C8G Datasheet(HTML) 10 Page - Cree, Inc

Back Button XPGDWT-U1-0000-00C8G Datasheet HTML 6Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 7Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 8Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 9Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 10Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 11Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 12Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 13Page - Cree, Inc XPGDWT-U1-0000-00C8G Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
F8
2850 K
R5
139
152
XPGDWT-H1-0000-00HF8
R4
130
142
XPGDWT-H1-0000-00GF8
R3
122
133
XPGDWT-H1-0000-00FF8
R2
114
124
XPGDWT-U1-0000-00EF8
Q5
107
117
XPGDWT-U1-0000-00DF8
Q4
100
109
XPGDWT-U1-0000-00CF8
8E
2700 K
R5
139
152
XPGDWT-H1-0000-00H8E
R4
130
142
XPGDWT-H1-0000-00G8E
R3
122
133
XPGDWT-H1-0000-00F8E
R2
114
124
XPGDWT-U1-0000-00E8E
Q5
107
117
XPGDWT-U1-0000-00D8E
Q4
100
109
XPGDWT-U1-0000-00C8E
8G
2700 K
R2
114
124
XPGDWT-U1-0000-00E8G
Q5
107
117
XPGDWT-U1-0000-00D8G
Q4
100
109
XPGDWT-U1-0000-00C8G
E8
2700K
R5
139
152
XPGDWT-H1-0000-00HE8
R4
130
142
XPGDWT-H1-0000-00GE8
R3
122
133
XPGDWT-H1-0000-00FE8
R2
114
124
XPGDWT-U1-0000-00EE8
Q5
107
117
XPGDWT-U1-0000-00DE8
Q4
100
109
XPGDWT-U1-0000-00CE8
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGDWT-U1-0000-00C8G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-U1-0000-00C8G CREE-XPGDWT-U1-0000-00C8G Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
More results

Similar Description - XPGDWT-U1-0000-00C8G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com