Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLAWT-00-0000-000UT50E8 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPLAWT-00-0000-000UT50E8
Description  Cree XLamp XP-L LEDs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLAWT-00-0000-000UT50E8 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPLAWT-00-0000-000UT50E8 Datasheet HTML 4Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 5Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 6Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 7Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 8Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 9Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 10Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 11Page - Cree, Inc XPLAWT-00-0000-000UT50E8 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-L LED
FLuX CHArACtErIstICs - XP-L HIgH IntEnsIty (t
J = 85 °C)
The following table provides order codes for XLamp XP-L High Intensity LeDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 27). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 26).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
65 CrI typical
70 CrI Minimum
51
6200 K
v2
400
446
XPLAWT-H0-0000-0000V2051
XPLAWT-H0-0000-000BV2051
U6
380
424
XPLAWT-H0-0000-0000U6051
XPLAWT-H0-0000-000BU6051
U5
360
401
XPLAWT-H0-0000-0000U5051
XPLAWT-H0-0000-000BU5051
53
6000 K
v2
400
446
XPLAWT-H0-0000-0000V2053
XPLAWT-H0-0000-000BV2053
U6
380
424
XPLAWT-H0-0000-0000U6053
XPLAWT-H0-0000-000BU6053
U5
360
401
XPLAWT-H0-0000-0000U5053
XPLAWT-H0-0000-000BU5053
50
6200 K
v2
400
446
XPLAWT-H0-0000-0000V2050
XPLAWT-H0-0000-000BV2050
U6
380
424
XPLAWT-H0-0000-0000U6050
XPLAWT-H0-0000-000BU6050
U5
360
401
XPLAWT-H0-0000-0000U5050
XPLAWT-H0-0000-000BU5050
e1
6500 K
v2
400
446
XPLAWT-H0-0000-0000V20E1
XPLAWT-H0-0000-000BV20E1
U6
380
424
XPLAWT-H0-0000-0000U60E1
XPLAWT-H0-0000-000BU60E1
U5
360
401
XPLAWT-H0-0000-0000U50E1
XPLAWT-H0-0000-000BU50E1
e2
5700 K
v2
400
446
XPLAWT-H0-0000-0000V20E2
XPLAWT-H0-0000-000BV20E2
U6
380
424
XPLAWT-H0-0000-0000U60E2
XPLAWT-H0-0000-000BU60E2
U5
360
401
XPLAWT-H0-0000-0000U50E2
XPLAWT-H0-0000-000BU50E2


Similar Part No. - XPLAWT-00-0000-000UT50E8

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLAWT-00-0000-000UT50E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com