Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-U1-0000-00E6E Datasheet(PDF) 7 Page - Cree, Inc

Part # XPGDWT-U1-0000-00E6E
Description  Cree XLamp XP-G3 LEDs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-U1-0000-00E6E Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPGDWT-U1-0000-00E6E Datasheet HTML 3Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 4Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 5Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 6Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 7Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 8Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 9Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 10Page - Cree, Inc XPGDWT-U1-0000-00E6E Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
5E
4000 K
S4
164
179
XPGDWT-B1-0000-00L5E
S3
156
170
XPGDWT-B1-0000-00K5E
S2
148
161
XPGDWT-B1-0000-00J5E
XPGDWT-H1-0000-00J5E
R5
139
152
XPGDWT-H1-0000-00H5E
R4
130
142
XPGDWT-H1-0000-00G5E
R3
122
133
XPGDWT-U1-0000-00F5E
R2
114
124
XPGDWT-U1-0000-00E5E
Q5
107
117
XPGDWT-U1-0000-00D5E
E5
4000 K
S4
164
179
XPGDWT-01-0000-00LE5
XPGDWT-B1-0000-00LE5
S3
156
170
XPGDWT-01-0000-00KE5
XPGDWT-B1-0000-00KE5
S2
148
161
XPGDWT-01-0000-00JE5
XPGDWT-B1-0000-00JE5
XPGDWT-H1-0000-00JE5
R5
139
152
XPGDWT-B1-0000-00HE5
XPGDWT-H1-0000-00HE5
R4
130
142
XPGDWT-H1-0000-00GE5
R3
122
133
XPGDWT-U1-0000-00FE5
R2
114
124
XPGDWT-U1-0000-00EE5
Q5
107
117
XPGDWT-U1-0000-00DE5
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGDWT-U1-0000-00E6E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-U1-0000-00E2E CREE-XPGDWT-U1-0000-00E2E Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
XPGDWT-U1-0000-00E50 CREE-XPGDWT-U1-0000-00E50 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
XPGDWT-U1-0000-00E5E CREE-XPGDWT-U1-0000-00E5E Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
XPGDWT-U1-0000-00E7E CREE-XPGDWT-U1-0000-00E7E Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
XPGDWT-U1-0000-00E7G CREE-XPGDWT-U1-0000-00E7G Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
More results

Similar Description - XPGDWT-U1-0000-00E6E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com