Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPP-23 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CFPP-23
Description  Fast Make Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPP-23 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CFPP-23 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPP-23 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CFPP-23
Fast Make Oscillator Specification
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 1
Test Circuit
Wave Form
Electrical Specification - maximum limiting values 5.0V ±0.5V
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
45
4
0 to 70
1.0MHz
40.0MHz
±25.0
45/55%
45
4
-40 to 85
±25.0
45/55%
45
4
0 to 70
40.000001MHz
66.0MHz
±25.0
45/55%
45
4
-40 to 85
±25.0
45/55%
45
4
0 to 70
66.000001MHz
100.0MHz
±25.0
40/60%
45
4
-40 to 85
±25.0
40/60%
45
4
0 to 70
100.000001MHz
133.0MHz
±25.0
40/60%
45
4
-40 to 85
±25.0
40/60%
60
4
-40 to 85
133.0MHz
150.0MHz
±50.0
40/60%
60
4
0 to 70
133.000001MHz
150.0MHz
±25.0
40/60%
60
4
-40 to 85
±25.0
40/60%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 28 Apr 16 12:55 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPP-23

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-12 IQD-CFPP-12 Datasheet
366Kb / 2P
   Fast Make Oscillator Specification
CFPP-131 IQD-CFPP-131 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
CFPP-149 IQD-CFPP-149 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
   Fast Make Oscillator Specification
CFPP-307 IQD-CFPP-307 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
More results

Similar Description - CFPP-23

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-40 IQD-CFPP-40 Datasheet
305Kb / 2P
   Fast Make Oscillator Specification
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
   Fast Make Oscillator Specification
CFPP-54 IQD-CFPP-54 Datasheet
277Kb / 2P
   Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
   Fast Make Oscillator Specification
CFPP-9 IQD-CFPP-9 Datasheet
365Kb / 2P
   Fast Make Oscillator Specification
CFPP-39 IQD-CFPP-39 Datasheet
304Kb / 2P
   Fast Make Oscillator Specification
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
   Fast Make Oscillator Specification
IQXP-10 IQD-IQXP-10 Datasheet
186Kb / 2P
   Fast Make Oscillator Specification
CFPP-131 IQD-CFPP-131 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
CFPP-307 IQD-CFPP-307 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com