Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9555BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9555BS
Description  16-bit I2C and SMBus I/O port with interrupt
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9555BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9555BS Datasheet HTML 2Page - NXP Semiconductors PCA9555BS Datasheet HTML 3Page - NXP Semiconductors PCA9555BS Datasheet HTML 4Page - NXP Semiconductors PCA9555BS Datasheet HTML 5Page - NXP Semiconductors PCA9555BS Datasheet HTML 6Page - NXP Semiconductors PCA9555BS Datasheet HTML 7Page - NXP Semiconductors PCA9555BS Datasheet HTML 8Page - NXP Semiconductors PCA9555BS Datasheet HTML 9Page - NXP Semiconductors PCA9555BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Philips Semiconductors
Product data sheet
PCA9555
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
6
REGISTERS
Command Byte
Command
Register
0
Input port 0
1
Input port 1
2
Output port 0
3
Output port 1
4
Polarity inversion port 0
5
Polarity inversion port 1
6
Configuration port 0
7
Configuration port 1
The command byte is the first byte to follow the address byte during
a write transmission. It is used as a pointer to determine which of the
following registers will be written or read.
Registers 0 and 1 — Input Port Registers
bit
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
IO.0
default
X
X
X
X
X
X
X
X
bit
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
default
X
X
X
X
X
X
X
X
This register is an input-only port. It reflects the incoming logic levels
of the pins, regardless of whether the pin is defined as an input or an
output by Register 3. Writes to this register have no effect.
The default value ‘X’ is determined by the externally applied logic
level.
Registers 2 and 3 — Output Port Registers
bit
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
default
1
1
1
1
1
1
1
1
bit
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
default
1
1
1
1
1
1
1
1
This register is an output-only port. It reflects the outgoing logic
levels of the pins defined as outputs by Register 6 and 7. Bit values
in this register have no effect on pins defined as inputs. In turn,
reads from this register reflect the value that is in the flip-flop
controlling the output selection, NOT the actual pin value.
Registers 4 and 5 — Polarity Inversion Registers
bit
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
default
0
0
0
0
0
0
0
0
bit
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
default
0
0
0
0
0
0
0
0
This register allows the user to invert the polarity of the Input Port
register data. If a bit in this register is set (written with ‘1’), the Input
Port data polarity is inverted. If a bit in this register is cleared (written
with a ‘0’), the Input Port data polarity is retained.
Registers 6 and 7 — Configuration Registers
bit
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
default
1
1
1
1
1
1
1
1
bit
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
default
1
1
1
1
1
1
1
1
This register configures the directions of the I/O pins. If a bit in this
register is set (written with ‘1’), the corresponding port pin is enabled
as an input with high impedance output driver. If a bit in this register
is cleared (written with ‘0’), the corresponding port pin is enabled as
an output. Note that there is a high value resistor tied to VDD at each
pin. At reset the device’s ports are inputs with a pull-up to VDD.
POWER-ON RESET
When power is applied to VDD, an internal power-on reset holds the
PCA9555 in a reset condition until VDD has reached VPOR. At that
point, the reset condition is released and the PCA9555 registers and
SMBus state machine will initialize to their default states. The
power-on reset typically completes the reset and enables the part by
the time the power supply is above VPOR. However, when it is
required to reset the part by lowering the power supply, it is
necessary to lower it below 0.2 V.


Similar Part No. - PCA9555BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555BS NXP-PCA9555BS Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555BS NXP-PCA9555BS Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555BS NXP-PCA9555BS Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results

Similar Description - PCA9555BS

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com