Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLAWT-00-0000-000HU40Z7 Datasheet(PDF) 7 Page - Cree, Inc

Part # XPLAWT-00-0000-000HU40Z7
Description  Cree XLamp XP-L LEDs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLAWT-00-0000-000HU40Z7 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPLAWT-00-0000-000HU40Z7 Datasheet HTML 3Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 4Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 5Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 6Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 7Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 8Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 9Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 10Page - Cree, Inc XPLAWT-00-0000-000HU40Z7 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-L LED
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
80 CrI typical
80 CrI Minimum
85 CrI Minimum
90 CrI Minimum
e8
2700 K
v2
400
446
XPLAWT-00-0000-
000Lv20e8
U6
380
424
XPLAWT-00-0000-
000LU60e8
XPLAWT-00-0000-
000HU60e8
U5
360
401
XPLAWT-00-0000-
000LU50e8
XPLAWT-00-0000-
000HU50e8
U4
340
379
XPLAWT-00-0000-
000LU40e8
XPLAWT-00-0000-
000HU40e8
U3
320
357
XPLAWT-00-0000-
000PU30e8
XPLAWT-00-0000-
000UU30e8
U2
300
334
XPLAWT-00-0000-
000PU20e8
XPLAWT-00-0000-
000UU20e8
T6
280
312
XPLAWT-00-0000-
000PT60e8
XPLAWT-00-0000-
000UT60e8
T5
260
290
XPLAWT-00-0000-
000PT50e8
XPLAWT-00-0000-
000UT50e8
Z8
2700 K
U6
380
424
XPLAWT-00-0000-
000LU60Z8
U5
360
401
XPLAWT-00-0000-
000LU50Z8
XPLAWT-00-0000-
000HU50Z8
U4
340
379
XPLAWT-00-0000-
000LU40Z8
XPLAWT-00-0000-
000HU40Z8
U3
320
357
U2
300
334
XPLAWT-00-0000-
000PU20Z8
XPLAWT-00-0000-
000UU20Z8
T6
280
312
XPLAWT-00-0000-
000PT60Z8
XPLAWT-00-0000-
000UT60Z8
T5
260
290
XPLAWT-00-0000-
000PT50Z8
XPLAWT-00-0000-
000UT50Z8
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C) - Continued


Similar Part No. - XPLAWT-00-0000-000HU40Z7

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLAWT-00-0000-000HU40Z7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com