Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-L1-0000-00HF7 Datasheet(PDF) 11 Page - Cree, Inc

Part # XPGBWT-L1-0000-00HF7
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-L1-0000-00HF7 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XPGBWT-L1-0000-00HF7 Datasheet HTML 7Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 8Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 9Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 10Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 11Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 12Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 13Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 14Page - Cree, Inc XPGBWT-L1-0000-00HF7 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® Xp-G2 LED
ELECtriCAL ChArACtEristiCs (t
J = 85 °C)
rELAtivE FLuX vs. CurrEnt (t
J = 85 °C)
Electrical Characteristics (Tj = 25ºC)
0
250
500
750
1000
1250
1500
2.65
2.75
2.85
2.95
3.05
3.15
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 25ºC)
0%
50%
100%
150%
200%
250%
300%
350%
0
250
500
750
1000
1250
1500
Forward Current (mA)


Similar Part No. - XPGBWT-L1-0000-00HF7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-L1-0000-00H50 CREE-XPGBWT-L1-0000-00H50 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-L1-0000-00H51 CREE-XPGBWT-L1-0000-00H51 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-L1-0000-00H53 CREE-XPGBWT-L1-0000-00H53 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-L1-0000-00HE1 CREE-XPGBWT-L1-0000-00HE1 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-L1-0000-00HE2 CREE-XPGBWT-L1-0000-00HE2 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-L1-0000-00HF7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com