Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SMX Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part No. 3SMX
Description  6 x 3.5mm SMD crystal Available in 2 or 4 pad design Ceramic package with a resin sealed ceramic lid, hermetically sealed.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IQD [IQD Frequency Products Ltd]
Homepage  http://www.iqdfrequencyproducts.com/
Logo 

3SMX Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3SMX
Quartz Crystal Specification
ISSUE 7; April 2016
Outline (mm) -A = A 2 pad
Outline (mm) -B = B 4 pad
Description
6 x 3.5mm SMD crystal
Available in 2 or 4 pad design
Ceramic package with a resin sealed ceramic lid, hermetically
sealed.
Not recommended for new designs
For alternative see model CFPX-228
-A A 2 pad
2 Pad device
-B B 4 pad
4 Pad device
Frequency Parameters
Frequency
9.0MHz to 67.0MHz
±30.00ppm to ±50.00ppm
Frequency Tolerance
Frequency Stability
±50.00ppm to ±100.00ppm
±5ppm max @ 25°C
Ageing
Electrical Parameters
10.0pF to 75.0pF
Load Capacitance (CL)
7pF max
Shunt Capacitance (C0)
100µW max
Drive Level
Operating Temperature Ranges
-10 to 60°C
Environmental Parameters
Shock: MIL-STD-202F, Method 213B: 1000G, 0.5ms
Vibration:MIL-STD-202F, Method 204D, Test Condition D: 20G
(10Hz - 2000Hz), 4hrs in 3 mutually perpendicular planes
(total 12hrs)
Storage Temperature Range: –40 to 85°C
Ordering Information
Frequency*
Model*
Variant*
Frequency Tolerance (@25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone*
Example
20.0MHz 3SMX-A
50/50/–10 to 60C/10 FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Printed on 25 Apr 16 12:35 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn