Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SMX Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part No. 3SMX
Description  6 x 3.5mm SMD crystal Available in 2 or 4 pad design Ceramic package with a resin sealed ceramic lid, hermetically sealed.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IQD [IQD Frequency Products Ltd]
Homepage  http://www.iqdfrequencyproducts.com/
Logo 

3SMX Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3SMX
Quartz Crystal Specification
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min)
Over Tone Order
ESR
°C
ppm
9.0MHz
11.999999MHz
-10 to 60
Fundamental
80
±50
12.0MHz
15.999999MHz
-10 to 60
Fundamental
60
±50
16.0MHz
50.0MHz
-10 to 60
Fundamental
40
±50
40.0MHz
67.0MHz
-10 to 60
3rd Overtone
70
±50
*Stability Maximum values ±100ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 25 Apr 16 12:35 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn