Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-H1-0000-00HE6 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPGBWT-H1-0000-00HE6
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-H1-0000-00HE6 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPGBWT-H1-0000-00HE6 Datasheet HTML 4Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 5Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 6Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 7Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 8Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 9Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 10Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 11Page - Cree, Inc XPGBWT-H1-0000-00HE6 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
80 Cri typical
80 Cri Minimum
85 Cri Minimum
90 Cri Minimum
Z7
3000 K
R4
130
143
XPGBWT-L1-0000-
00GZ7
XPGBWT-H1-0000-
00GZ7
R3
122
134
XPGBWT-L1-0000-
00FZ7
XPGBWT-H1-0000-
00FZ7
R2
114
125
XPGBWT-L1-0000-
00eZ7
XPGBWT-H1-0000-
00eZ7
Q5
107
118
XPGBWT-L1-0000-
00DZ7
XPGBWT-H1-0000-
00DZ7
XPGBWT-P1-0000-
00DZ7
XPGBWT-U1-0000-
00DZ7
Q4
100
110
XPGBWT-L1-0000-
00CZ7
XPGBWT-H1-0000-
00CZ7
XPGBWT-P1-0000-
00CZ7
XPGBWT-U1-0000-
00CZ7
Q3
93.9
103
XPGBWT-P1-0000-
00BZ7
XPGBWT-U1-0000-
00BZ7
Q2
87.4
96.1
XPGBWT-P1-0000-
00AZ7
XPGBWT-U1-0000-
00AZ7
P4
80.6
88.6
XPGBWT-P1-0000-
009Z7
XPGBWT-U1-0000-
009Z7
P3
73.9
81.2
XPGBWT-P1-0000-
008Z7
XPGBWT-U1-0000-
008Z7
F8
2850 K
R4
130
143
XPGBWT-L1-0000-
00GF8
XPGBWT-H1-0000-
00GF8
R3
122
134
XPGBWT-L1-0000-
00FF8
XPGBWT-H1-0000-
00FF8
R2
114
125
XPGBWT-L1-0000-
00eF8
XPGBWT-H1-0000-
00eF8
Q5
107
118
XPGBWT-L1-0000-
00DF8
XPGBWT-H1-0000-
00DF8
XPGBWT-P1-0000-
00DF8
XPGBWT-U1-0000-
00DF8
Q4
100
110
XPGBWT-L1-0000-
00CF8
XPGBWT-H1-0000-
00CF8
XPGBWT-P1-0000-
00CF8
XPGBWT-U1-0000-
00CF8
Q3
93.9
103
XPGBWT-L1-0000-
00BF8
XPGBWT-H1-0000-
00BF8
XPGBWT-P1-0000-
00BF8
XPGBWT-U1-0000-
00BF8
Q2
87.4
96.1
XPGBWT-P1-0000-
00AF8
XPGBWT-U1-0000-
00AF8
P4
80.6
88.6
XPGBWT-P1-0000-
009F8
XPGBWT-U1-0000-
009F8
P3
73.9
81.2
XPGBWT-P1-0000-
008F8
XPGBWT-U1-0000-
008F8
P2
67.2
73.9
XPGBWT-P1-0000-
007F8
XPGBWT-U1-0000-
007F8
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGBWT-H1-0000-00HE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-H1-0000-00CE7 CREE-XPGBWT-H1-0000-00CE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CF7 CREE-XPGBWT-H1-0000-00CF7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CZ7 CREE-XPGBWT-H1-0000-00CZ7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE5 CREE-XPGBWT-H1-0000-00DE5 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE6 CREE-XPGBWT-H1-0000-00DE6 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-H1-0000-00HE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com