Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM21WTP-CP Datasheet(PDF) 3 Page - Hirose Electric

Part # RM21WTP-CP
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM21WTP-CP Datasheet(HTML) 3 Page - Hirose Electric

  RM21WTP-CP Datasheet HTML 1Page - Hirose Electric RM21WTP-CP Datasheet HTML 2Page - Hirose Electric RM21WTP-CP Datasheet HTML 3Page - Hirose Electric RM21WTP-CP Datasheet HTML 4Page - Hirose Electric RM21WTP-CP Datasheet HTML 5Page - Hirose Electric RM21WTP-CP Datasheet HTML 6Page - Hirose Electric RM21WTP-CP Datasheet HTML 7Page - Hirose Electric RM21WTP-CP Datasheet HTML 8Page - Hirose Electric RM21WTP-CP Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
sPlugs - straight, long back shell
sApplicable Strain reliefs
q External cable clamp + internal, self-tightening
q Internal, self tightening
109-1734-5-ππ
Part Number
CL No.
Number of Contacts Weight RoHS
RM15WTPZA-2P(ππ)
RM15WTPZA-3P( 72 )
RM15WTPZA-4P(ππ)
RM15WTPZA-8P(ππ)
RM15WTPZA-10P(ππ)
RM15WTPZA-12P(ππ)
2
43g
YES
109-1602-4- 72
109-1735-8-ππ
109-1736-0-ππ
109-1737-3-ππ
109-1738-6-ππ
3
4
8
10
12
45g
44g
43g
44g
44g
M19∞1
M20∞0.75
Wrench opening dimension
of 18 mm
45.3
Part Number
CL No.
Number of Contacts Weight RoHS
RM15WTPZA-2S(ππ)
RM15WTPZA-3S(ππ)
RM15WTPZA-4S(ππ)
RM15WTPZA-8S(ππ)
RM15WTPZA-10S(ππ)
RM15WTPZA-12S(ππ)
109-1729-5-ππ
2
45g
YES
109-1601-1-ππ
109-1730-4-ππ
109-1731-7-ππ
109-1732-0-ππ
109-1733-2-ππ
3
4
8
10
45g
12
47g
45g
45g
45g
(shown one example)
(shown one example)
Wrench opening dimension
of 21 mm
M20∞0.75
17.5
Drive screw(2)
Wrench opening dimension
of 21 mm
M20∞0.75
8
RM15WTPZA-10S(71)
JR16WCC-10(72)
JR16WCCA-10(72)
Part Number
CL No.
A
Weight
RoHS
JR16WCC-4(72)
JR16WCC-6(72)
JR16WCC-8(72)
114-2052-6-72
4
17.5g
114-2053-9-72
114-2054-1-72
6
8
17.5g
17.5g
Part Number
CL No.
A
Weight
RoHS
JR16WCC-10(72)
JR16WCC-11(72)
JR16WCC-12(72)
114-2055-4-72
10
17.5g
YES
114-2154-6-72
114-2056-7-72
11
12
17.5g
17.5g
Part Number
CL No.
A
Weight
RoHS
JR16WCCA-4(72)
JR16WCCA-6(72)
Notes : 1. Cable jacket diameter:Use A ± 0.2mm
2. When using the self-tightening strain relief verify the cable pull force requirements.
JR16WCCA-8(72)
114-2076-4-72
114-2077-7-72
114-2078-0-72
4
16g
6
16g
8
16g
YES
Part Number
CL No.
A
Weight
RoHS
JR16WCCA-10(72)
JR16WCCA-11(72)
JR16WCCA-12(72)
114-2079-2-72
114-2155-9-72
114-2080-1-72
10
16g
11
16g
12
16g
YES
[Specification number] (**), -**
(71) : Silver plated contacts
(72) : Gold plated contacts
(shown one example)
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM21WTP-CP

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM21W1P-50-TD WINCHESTER-RM21W1P-50-TD Datasheet
73Kb / 1P
   21W1P D-SUB CONNECTOR
RM21WA4P-1008 WINCHESTER-RM21WA4P-1008 Datasheet
65Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1009 WINCHESTER-RM21WA4P-1009 Datasheet
69Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1015 WINCHESTER-RM21WA4P-1015 Datasheet
147Kb / 1P
   21WA4P D-SUB CONNECTOR
RM21WA4P-1023 WINCHESTER-RM21WA4P-1023 Datasheet
128Kb / 1P
   D-SUB PLUG CONNECTOR DEPOPULATED POSITIONS 9, 16, 17
More results

Similar Description - RM21WTP-CP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com