Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM31WTP-55S Datasheet(PDF) 1 Page - Hirose Electric

Part # RM31WTP-55S
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM31WTP-55S Datasheet(HTML) 1 Page - Hirose Electric

  RM31WTP-55S Datasheet HTML 1Page - Hirose Electric RM31WTP-55S Datasheet HTML 2Page - Hirose Electric RM31WTP-55S Datasheet HTML 3Page - Hirose Electric RM31WTP-55S Datasheet HTML 4Page - Hirose Electric RM31WTP-55S Datasheet HTML 5Page - Hirose Electric RM31WTP-55S Datasheet HTML 6Page - Hirose Electric RM31WTP-55S Datasheet HTML 7Page - Hirose Electric RM31WTP-55S Datasheet HTML 8Page - Hirose Electric RM31WTP-55S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
General-purpose Multi-Contact Circular Waterproof Connectors
RM-W Series
2006.1
sOverview
High performance waterproof circular connectors and cable
assemblies used in variety of applications requiring high
reliability, ease of assembly and small size.
sFeatures
1. Variety of types
Plugs
: Available in 3 types - straight / long
back shell, straight / short back
shell, right angle back shell.
Receptacles
: Waterproof types with front, back or
flange panel mounting.
All types with 2, 3, 4, 8, 10, 12, 15, 20, 31, 40, 55
contacts. Contacts in 2 plating types: gold or silver.
2. Dust and water protection
When fully mated, the connector meet requirements of
IP67 (48 hours at depth of 1.8 m)
(Single-body waterproof receptacles also meet
requirements of IP67.)
3. Cable exit in 360° directions
The right-angle plugs permit exiting of the cable over a
360-degree range in any direction.
sApplications
Base stations, factory automation equipment, robotic
equipment, exploration and construction equipment,
research instrumentation, variety of industrial and
measuring instruments. Any other applications requiring
high reliability waterproof circular connectors.
Ø23
41
Cable
360° Cable exit
Plug _ Right angle
Plug _ straight
57
48
Short backshell
Long backshell
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM31WTP-55S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
RM3182L ETC1-RM3182L Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
RM3182L/883B ETC1-RM3182L/883B Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
RM3182S ETC1-RM3182S Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
RM3182S/883B ETC1-RM3182S/883B Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
More results

Similar Description - RM31WTP-55S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com