Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431ACLPG Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL431ACLPG
Description  Programmable Precision References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACLPG Datasheet(HTML) 4 Page - ON Semiconductor

  TL431ACLPG Datasheet HTML 1Page - ON Semiconductor TL431ACLPG Datasheet HTML 2Page - ON Semiconductor TL431ACLPG Datasheet HTML 3Page - ON Semiconductor TL431ACLPG Datasheet HTML 4Page - ON Semiconductor TL431ACLPG Datasheet HTML 5Page - ON Semiconductor TL431ACLPG Datasheet HTML 6Page - ON Semiconductor TL431ACLPG Datasheet HTML 7Page - ON Semiconductor TL431ACLPG Datasheet HTML 8Page - ON Semiconductor TL431ACLPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
TL431AI /
NCV431AI/
SCV431AI
TL431AC
TL431BC / TL431BI /
TL431BV /
NCV431BV
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference Input Voltage (Figure 1)
VKA = Vref, IK = 10 mA
TA = 25°C
TA = Tlow to Thigh (Note 6)
Vref
2.47
2.44
2.495
2.52
2.55
2.47
2.453
2.495
2.52
2.537
2.485
2.475
2.495
2.495
2.505
2.515
V
Reference Input Voltage Deviation Over
Temperature Range (Figure 1, Notes 7, 8)
VKA= Vref, IK = 10 mA
DVref
7.0
30
3.0
17
3.0
17
mV
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
IK = 10 mA (Figure 2),
DVKA = 10 V to Vref
DVKA = 36 V to 10 V
DV
ref
DV
KA
−1.4
−1.0
−2.7
−2.0
−1.4
−1.0
−2.7
−2.0
−1.4
−1.0
−2.7
−2.0
mV/V
Reference Input Current (Figure 2)
IK = 10 mA, R1 = 10 k, R2 = ∞
TA = 25°C
TA = Tlow to Thigh (Note 6)
Iref
1.8
4.0
6.5
1.8
4.0
5.2
1.1
2.0
4.0
mA
Reference Input Current Deviation Over
Temperature Range (Figure 2, Note 7)
IK = 10 mA, R1 = 10 k, R2 = ∞
DIref
0.8
2.5
0.4
1.2
0.8
2.5
mA
Minimum Cathode Current For Regulation
VKA = Vref (Figure 1)
Imin
0.5
1.0
0.5
1.0
0.5
1.0
mA
Off−State Cathode Current (Figure 3)
VKA = 36 V, Vref = 0 V
Ioff
20
1000
20
1000
0.23
500
nA
Dynamic Impedance (Figure 1, Note 9)
VKA = Vref, DIK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
|ZKA|
0.22
0.5
0.22
0.5
0.14
0.3
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Tlow
= −40
°C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431BV, TL431AIDM, TL431IDM,
TL431BIDM, NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDR2G, SCV431AIDMR2G
=0
°C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM,
TL431ACDM, TL431BCDM, SCV431AIDMR2G
Thigh = +85°C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM
= +70
°C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM,
TL431BCDM
= +125
°C TL431BV, NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDMR2G, NCV431BVDR2G, SCV431AIDMR2G
7. Guaranteed by design.
8. The deviation parameter
DVref is defined as the difference between the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
DVref = Vref max
-Vref min
DTA = T2 - T1
T2
Ambient Temperature
T1
Vref min
Vref max
The average temperature coefficient of the reference input voltage,
aVref is defined as:
V
ref
ppm
_C
+
D V
ref
V
ref
@25
_C
X106
D T
A
+
D V
ref
x106
D T
A
(V
ref
@25
_C)
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.)
Example :
DV
ref +
8.0 mV and slope is positive,
V
ref
@25
_C + 2.495 V, DT
A +
70
_C
a V
ref +
0.008 x 106
70 (2.495)
+ 45.8 ppm _C
9. The dynamic impedance ZKA is defined as |ZKA| +
D V
KA
D I
K
When the device is programmed with two external resistors, R1 and R2, (refer
to Figure 2) the total dynamic impedance of the circuit is defined as: |Z
KA
|
[ |Z
KA
|
1
) R1
R2
10. NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDMR2G, NCV431BVDR2G, SCV431AIDMR2G Tlow = −40°C, Thigh = +125°C.
NCV prefix is for automotive and other applications requiring unique site and control change requirements.


Similar Part No. - TL431ACLPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431ACLPG ONSEMI-TL431ACLPG Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431ACLPG ONSEMI-TL431ACLPG Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431ACLPG ONSEMI-TL431ACLPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACLPG ONSEMI-TL431ACLPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACLPG ONSEMI-TL431ACLPG Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
More results

Similar Description - TL431ACLPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com