Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE5517N
Description  Dual Operational Transconductance Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517N Datasheet(HTML) 3 Page - ON Semiconductor

  NE5517N Datasheet HTML 1Page - ON Semiconductor NE5517N Datasheet HTML 2Page - ON Semiconductor NE5517N Datasheet HTML 3Page - ON Semiconductor NE5517N Datasheet HTML 4Page - ON Semiconductor NE5517N Datasheet HTML 5Page - ON Semiconductor NE5517N Datasheet HTML 6Page - ON Semiconductor NE5517N Datasheet HTML 7Page - ON Semiconductor NE5517N Datasheet HTML 8Page - ON Semiconductor NE5517N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
3
NOTE: V+ of output buffers and amplifiers are internally connected.
B
AMP
BIAS
INPUT
B
DIODE
BIAS
B
INPUT
(+)
B
INPUT
(−)
B
OUTPUT
V+ (1)
B
BUFFER
INPUT
B
BUFFER
OUTPUT
AMP
BIAS
INPUT
DIODE
BIAS
INPUT
(+)
INPUT
(−)
OUTPUT
V−
BUFFER
INPUT
BUFFER
OUTPUT
A
AA
A
A
A
A
123
4
5
6
7
8
16
15
14
13
12
11
10
9
+
B
+
A
Figure 2. Connection Diagram
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (Note 1)
VS
44 VDC or ±22
V
Power Dissipation, Tamb = 25 °C (Still Air) (Note 2)
NE5517N, NE5517AN
NE5517D, AU5517D
PD
1500
1125
mW
Thermal Resistance, Junction−to−Ambient
D Package
N Package
RqJA
140
94
°C/W
Differential Input Voltage
VIN
±5.0
V
Diode Bias Current
ID
2.0
mA
Amplifier Bias Current
IABC
2.0
mA
Output Short-Circuit Duration
ISC
Indefinite
Buffer Output Current (Note 3)
IOUT
20
mA
Operating Temperature Range
NE5517N, NE5517AN
AU5517T
Tamb
0 °C to +70 °C
−40 °C to +125 °C
°C
Operating Junction Temperature
TJ
150
°C
DC Input Voltage
VDC
+VS to −VS
Storage Temperature Range
Tstg
−65 °C to +150 °C
°C
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. For selections to a supply voltage above ±22 V, contact factory.
2. The following derating factors should be applied above 25 °C
N package at 10.6 mW/°C
D package at 7.1 mW/°C.
3. Buffer output current should be limited so as to not exceed package dissipation.


Similar Part No. - NE5517N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517N PHILIPS-NE5517N Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517N PHILIPS-NE5517N Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517N ONSEMI-NE5517N Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517NG ONSEMI-NE5517NG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results

Similar Description - NE5517N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com