Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9555 Datasheet(PDF) 21 Page - NXP Semiconductors

Part No. PCA9555
Description  16-bit I2C and SMBus I/O port with interrupt
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9555 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9555 Datasheet HTML 14Page - NXP Semiconductors PCA9555 Datasheet HTML 15Page - NXP Semiconductors PCA9555 Datasheet HTML 16Page - NXP Semiconductors PCA9555 Datasheet HTML 17Page - NXP Semiconductors PCA9555 Datasheet HTML 18Page - NXP Semiconductors PCA9555 Datasheet HTML 19Page - NXP Semiconductors PCA9555 Datasheet HTML 20Page - NXP Semiconductors PCA9555 Datasheet HTML 21Page - NXP Semiconductors PCA9555 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Philips Semiconductors
Product data sheet
PCA9555
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
21
REVISION HISTORY
Rev
Date
Description
_5
20040930
Product data sheet (9397 750 14125). Supersedes data of 2004 Jul 27 (9397 750 13271).
Modifications:
Section “Registers 0 and 1—Input Port Registers” on page 6: add register bit table and second paragraph.
Figure 11 on page 11: resistor values modified
“DC Characteristics” table on page 13:
– sub-section “I/Os”:
change VIL (max) from 0.8 V to 0.3VDD
change VIH (min) from 2.0 V to 0.7VDD
– sub-section “Select inputs A0, A1, A2:
change VIL (max) from 0.8 V to 0.3VDD
change VIH (min) from 2.0 V to 0.7VDD
– Add (new) Note 1
– Note 2 re-written.
_4
20040727
Product data (9397 750 13271). Supersedes data of 2002 Jul 26 (9397 750 10164).
_3
20020726
Product data (9397 750 10164). ECN 853-2252 28672 of 26 July 2002.
Supersedes data of 2002 May 13 (9397 750 09818).
_2
20020513
Product data (9397 750 09818).
_1
20010507
Product data (9397 750 08343).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn