Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-H1-0000-00BZ7 Datasheet(PDF) 5 Page - Cree, Inc

Part # XPEBWT-H1-0000-00BZ7
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-H1-0000-00BZ7 Datasheet(HTML) 5 Page - Cree, Inc

  XPEBWT-H1-0000-00BZ7 Datasheet HTML 1Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 2Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 3Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 4Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 5Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 6Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 7Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 8Page - Cree, Inc XPEBWT-H1-0000-00BZ7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
55
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
700 mA
1.0 A
70 CRI Typical
75 CRI Typical
80 CRI Minimum
E3
5000 K
R4
130
151
223
284
XPEBWT-01-0000-00GE3
R3
122
142
209
266
XPEBWT-01-0000-00FE3
XPEBWT-L1-0000-00FE3
R2
114
132
195
249
XPEBWT-01-0000-00EE3
XPEBWT-L1-0000-00EE3
Q5
107
124
183
233
XPEBWT-L1-0000-00DE3
Q4
100
116
171
218
XPEBWT-L1-0000-00CE3
F4
4750 K
R4
130
151
223
284
XPEBWT-01-0000-00GF4
R3
122
142
209
266
XPEBWT-01-0000-00FF4
XPEBWT-L1-0000-00FF4
R2
114
132
195
249
XPEBWT-01-0000-00EF4
XPEBWT-L1-0000-00EF4
Q5
107
124
183
233
XPEBWT-L1-0000-00DF4
Q4
100
116
171
218
XPEBWT-L1-0000-00CF4
E4
4500 K
R4
130
151
223
284
XPEBWT-01-0000-00GE4
R3
122
142
209
266
XPEBWT-01-0000-00FE4
XPEBWT-L1-0000-00FE4
R2
114
132
195
249
XPEBWT-01-0000-00EE4
XPEBWT-L1-0000-00EE4
Q5
107
124
183
233
XPEBWT-L1-0000-00DE4
Q4
100
116
171
218
XPEBWT-L1-0000-00CE4
F5
4250 K
R3
122
142
209
266
XPeBWT-01-0000-00FF5
R2
114
132
195
249
XPeBWT-01-0000-00eF5
XPeBWT-L1-0000-00eF5
Q5
107
124
183
233
XPeBWT-01-0000-00DF5
XPeBWT-L1-0000-00DF5
Q4
100
116
171
218
XPeBWT-L1-0000-00CF5
Q3
93.9
109
161
205
XPeBWT-L1-0000-00BF5
e5
4000 K
R3
122
142
209
266
XPeBWT-01-0000-00Fe5
R2
114
132
195
249
XPeBWT-01-0000-00ee5
XPeBWT-L1-0000-00ee5
XPEBWT-H1-0000-00EE5
Q5
107
124
183
233
XPeBWT-01-0000-00De5
XPeBWT-L1-0000-00De5
XPEBWT-H1-0000-00DE5
Q4
100
116
171
218
XPeBWT-L1-0000-00Ce5
XPEBWT-H1-0000-00CE5
Q3
93.9
109
161
205
XPeBWT-L1-0000-00Be5
XPEBWT-H1-0000-00BE5
Z5
4000 K
Q5
107
124
183
233
XPeBWT-L1-0000-00DZ5
XPEBWT-H1-0000-00DZ5
Q4
100
116
171
218
XPeBWT-L1-0000-00CZ5
XPEBWT-H1-0000-00CZ5
Q3
93.9
109
161
205
XPeBWT-L1-0000-00BZ5
XPEBWT-H1-0000-00BZ5
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued


Similar Part No. - XPEBWT-H1-0000-00BZ7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-H1-0000-00BZ7 CREE-XPEBWT-H1-0000-00BZ7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPEBWT-H1-0000-00BZ7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com