Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM15WTRZB-4S Datasheet(PDF) 9 Page - Hirose Electric

Part # RM15WTRZB-4S
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15WTRZB-4S Datasheet(HTML) 9 Page - Hirose Electric

Back Button RM15WTRZB-4S Datasheet HTML 5Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 6Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 7Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 8Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 9Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 10Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 11Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 12Page - Hirose Electric RM15WTRZB-4S Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
BReceptacle - recommended panel cut-outs
BContact Position Arrangement and Specifications
BPrecautions
1. Switch off the power of the circuit before disconnecting or plugging- in the connectors.
2. Use a connectors with socket contacts at the power side of the circuit.
3. Make sure that the coupling is in completely cocked position.
4. Use correct plug / receptacle to assure dust and water protection.
Ø17
+0.1
0
Front mounting, rear nut
Ø21
+0.1
0
Rear mounting, front nut
4-M3∞0.5
20.6±0.05
1.4±0.05
Square flange, screw mounting
Contact
configuration
Shell size : 15
Number of contacts
Withstanding voltage
Current rating
Insulation resistance
Contact resistance
Solder pot inner diameter
2
1800V AC / 1 minute
10A
1000Mø min.
2mø max.
1.7mm
3
2000V AC / 1 minute
10A
1000Mø min.
2mø max.
2.8mm
4
1500V AC / 1 minute
10A
1000Mø min.
2mø max.
1.7mm
8
1500V AC / 1 minute
5A
1000Mø min.
4mø max.
1.1mm
10
1000V AC / 1 minute
5A
1000Mø min.
4mø max.
1.1mm
12
1000V AC / 1 minute
5A
1000Mø min.
4mø max.
1.1mm
Panel thickness: 0.5 to 2 mm
For RM15WTRZ receptacles
Panel thickness: 0.5 to 2.5 mm
For RM15WTRZA receptacles
Panel thickness: 2.5 to 4 mm
For RM15WTRZB receptacles
Notes : 1. When attaching the receptacle to the panel, be certain to check that the gasket is in place in the groove. Do not pinch the gasket.
Notes : 2. The view of the above diagrams is from the receptacle mating side.
Notes : 3. The w symbol in the above diagrams indicates the coupling guide position of the receptacles.
Notes : 1. The contact configuration as viewed from the wiring side.
Notes : 2. The w symbol in the above diagrams indicates the coupling guide position of the receptacles.
Notes : 3. Withstanding voltages indicate test voltage values.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM15WTRZB-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM15 MITSUBISHI-RM15 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
logo
Micro Commercial Compon...
RM15 MCC-RM15 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Mitsubishi Electric Sem...
RM1500DC-66F MITSUBISHI-RM1500DC-66F Datasheet
226Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Micro Commercial Compon...
RM1500E MCC-RM1500E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1500E MCC-RM1500E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM15WTRZB-4S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com