Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP35A-00-0000-0D0BD20E5 Datasheet(PDF) 8 Page - Cree, Inc

Part # XHP35A-00-0000-0D0BD20E5
Description  Cree XLamp XHP35 LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35A-00-0000-0D0BD20E5 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XHP35A-00-0000-0D0BD20E5 Datasheet HTML 4Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 5Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 6Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 7Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 8Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 9Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 10Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 11Page - Cree, Inc XHP35A-00-0000-0D0BD20E5 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® XHp35 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 31).
Cree XLamp XHP35 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and are for reference only.
FLuX CHArACtEristiCs, HigH intEnsity EAsyWHitE® orDEr CoDEs AnD bins (t
J = 85 °C)
The following table provides order codes for XLamp XHP35 High Intensity LEDs. For a complete description of how the flux and chromaticity
groups are reflected in the bin code and order code nomenclature, please see the Bin and Order Code Formats section (page 29).
nominal
CCt
Cri
Minimum Luminous Flux
@350 mA
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
group
order Code
group
order Code
5700 K
70
D4
550
612
57e
XHP35A-H0-0000-0D0BD457e
D2
510
567
XHP35A-H0-0000-0D0BD257e
C4
475
528
XHP35A-H0-0000-0D0BC457e
80
D2
510
567
57e
XHP35A-H0-0000-0D0HD257e
C4
475
528
XHP35A-H0-0000-0D0HC457e
C2
440
489
XHP35A-H0-0000-0D0HC257e
90
C2
440
489
57e
XHP35A-H0-0000-0D0UC257e
B4
410
456
XHP35A-H0-0000-0D0UB457e
B2
380
423
XHP35A-H0-0000-0D0UB257e
A4
355
395
XHP35A-H0-0000-0D0UA457e
5000 K
70
D4
550
612
50e
XHP35A-H0-0000-0D0BD450e
D2
510
567
XHP35A-H0-0000-0D0BD250e
C4
475
528
XHP35A-H0-0000-0D0BC450e
80
D2
510
567
50e
XHP35A-H0-0000-0D0HD250e
C4
475
528
XHP35A-H0-0000-0D0HC450e
C2
440
489
XHP35A-H0-0000-0D0HC250e
90
C2
440
489
50e
XHP35A-H0-0000-0D0UC250e
B4
410
456
XHP35A-H0-0000-0D0UB450e
B2
380
423
XHP35A-H0-0000-0D0UB250e
A4
355
395
XHP35A-H0-0000-0D0UA450e


Similar Part No. - XHP35A-00-0000-0D0BD20E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D20E5 CREE-XHP35B-00-0000-0D00D20E5 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DT CREE-XHP35B-00-0000-0D00D40DT Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DV CREE-XHP35B-00-0000-0D00D40DV Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40E1 CREE-XHP35B-00-0000-0D00D40E1 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results

Similar Description - XHP35A-00-0000-0D0BD20E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
logo
List of Unclassifed Man...
XL7090 ETC1-XL7090 Datasheet
455Kb / 19P
   Cree XLamp 7090 Packaged LEDs
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com