Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN4391 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # PN4391
Description  SINGLE N-CHANNEL JFE T SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

PN4391 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  PN4391 Datasheet HTML 1Page - American Accurate Components, Inc. PN4391 Datasheet HTML 2Page - American Accurate Components, Inc. PN4391 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STATIC EL ECTR IC AL CHAR AC TE RISTICS CONT.
@25 °C (u nless other wise stated )
2N3971
PN4392
PN439 3
SYM.
CH AR ACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
5
100
VDS = 20V, V GS = -5 V
5
100
VDS = 20V, V GS = -7 V
2N3941
5
250
VDS = 20V, V GS = -12V
5
100 0
VDS = 20V, V GS = -5 V
5
100 0
VDS = 20V, V GS = -7 V
PN4392,3
5
100 0
VDS = 20V, V GS = -12V
ID(off)
Drain Cu
Current
MMBT
5
100
100
100
pA
VDS = 10V, V GS = -10V
rDS(on)
Drain to Source On Resistance
30
60
100
VGS = 0V, I D = 1 mA
DYN AMIC ELECTR IC AL C HAR AC TERISTICS
@25 °C (unless otherwise stated)
2N3971
PN4392
PN439 3
SYM.
CH AR AC TERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
gfs
F orward T ransconductanc e
6
mS
gos
Output Conductance
25
µS
VDS = 20V, I D = 1mA
f = 1 kHz
rds(on)
Drain to Source On Resistance
30
60
100
VGS = 0V, I D = 0 A
f = 1 kHz
2N3971
12
14
14
14
P N
12
16
16
16
C iss
Input Capacitance
MMBT
13
VDS = 20V, V GS = 0 V
f = 1 MHz
2N3971
3.3
3.5
P N
3.5
5
MMBT
3.6
VDS = 0V, V GS = -5V
f = 1 MHz
2N3971
3.2
3.5
P N
3.4
5
MMBT
3.5
VDS = 0V, V GS = -7V
f = 1 MHz
2N3971
2.8
3.5
P N
3.0
5
C rss
Reverse Transfer
Capacitance
MMBT
3.1
pF
VDS = 0V, V GS = -12V
f = 1 MHz
en
Equivalent Input Noise Voltage
3
nV/√Hz
VDS = 10V, I D = 10mA
f = 1 kHz
SW IT CHING EL ECTR IC AL C HAR AC TE RISTICS @25 °C
(unless otherwise stated )
2N3971
439 2
439 3
SYM.
CH AR AC TERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
2N/P N
2
15
15
15
td(on)
MMBT
2
2N/P N
2
5
5
5
tr
Turn O n Time
MMBT
2
2N/P N
6
20
35
50
td(off)
MMBT
6
2N/P N
13
15
20
30
tf
T urn O T ime
MMBT
13
ns
VDD = 10V, V GS (H) = 0 V


Similar Part No. - PN4391

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
logo
Fairchild Semiconductor
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
logo
Calogic, LLC
PN4391 CALOGIC-PN4391 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
PN4391 LINEAR-PN4391 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Vishay Siliconix
PN4391 VISHAY-PN4391 Datasheet
82Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jan-01
More results

Similar Description - PN4391

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MMBT4391 AMERICASEMI-MMBT4391 Datasheet
1Mb / 3P
   SINGLE N-CHANNEL JFE T SWITCH
logo
Micross Components
2N4391_TO-18 MICROSS-2N4391_TO-18 Datasheet
299Kb / 1P
   Single N-Channel JFET switch
2N4392_TO-18 MICROSS-2N4392_TO-18 Datasheet
299Kb / 1P
   Single N-Channel JFET switch
LS4393_SOT-23 MICROSS-LS4393_SOT-23 Datasheet
305Kb / 1P
   Single N-Channel JFET switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
LS4392_SOT-23 MICROSS-LS4392_SOT-23 Datasheet
294Kb / 1P
   Single N-Channel JFET switch
LS4392_TO-18 MICROSS-LS4392_TO-18 Datasheet
299Kb / 1P
   Single N-Channel JFET switch
SST4391_SOT-23 MICROSS-SST4391_SOT-23 Datasheet
295Kb / 1P
   Single N-Channel JFET switch
logo
Linear Integrated Syste...
J-SST111 LINEAR-J-SST111 Datasheet
227Kb / 2P
   SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
LS4391_TO-92 MICROSS-LS4391_TO-92 Datasheet
296Kb / 1P
   Single N-Channel JFET switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com