Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000HF50 Datasheet(PDF) 9 Page - Cree, Inc

Part # XTEAWT-00-0000-00000HF50
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000HF50 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000HF50 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 10Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 11Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 12Page - Cree, Inc XTEAWT-00-0000-00000HF50 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
C2
4500 K
S3
156
171
XTEAWT-00-0000-
000000KC2
XTEAWT-00-0000-
00000BKC2
S2
148
163
XTEAWT-00-0000-
000000JC2
XTEAWT-00-0000-
00000BJC2
XTEAWT-00-0000-
00000LJC2
R5
139
153
XTEAWT-00-0000-
000000HC2
XTEAWT-00-0000-
00000BHC2
XTEAWT-00-0000-
00000LHC2
R4
130
143
XTEAWT-00-0000-
000000GC2
XTEAWT-00-0000-
00000BGC2
XTEAWT-00-0000-
00000LGC2
R3
122
134
XTEAWT-00-0000-
000000FC2
XTEAWT-00-0000-
00000BFC2
XTEAWT-00-0000-
00000LFC2
R2
114
125
XTEAWT-00-0000-
000000EC2
XTEAWT-00-0000-
00000BEC2
XTEAWT-00-0000-
00000LEC2
C3
4300 K
S3
156
171
XTEAWT-00-0000-
000000KC3
XTEAWT-00-0000-
00000BKC3
S2
148
163
XTEAWT-00-0000-
000000JC3
XTEAWT-00-0000-
00000BJC3
XTEAWT-00-0000-
00000LJC3
R5
139
153
XTEAWT-00-0000-
000000HC3
XTEAWT-00-0000-
00000BHC3
XTEAWT-00-0000-
00000LHC3
R4
130
143
XTEAWT-00-0000-
000000GC3
XTEAWT-00-0000-
00000BGC3
XTEAWT-00-0000-
00000LGC3
R3
122
134
XTEAWT-00-0000-
000000FC3
XTEAWT-00-0000-
00000BFC3
XTEAWT-00-0000-
00000LFC3
R2
114
125
XTEAWT-00-0000-
000000EC3
XTEAWT-00-0000-
00000BEC3
XTEAWT-00-0000-
00000LEC3
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000HF50

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000HF50 CREE-XTEAWT-00-0000-00000HF50 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000HF50

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com