Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLBWT-00-0000-0000V40E2 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPLBWT-00-0000-0000V40E2
Description  Cree XLamp XP-L2 LEDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLBWT-00-0000-0000V40E2 Datasheet(HTML) 1 Page - Cree, Inc

  XPLBWT-00-0000-0000V40E2 Datasheet HTML 1Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 2Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 3Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 4Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 5Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 6Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 7Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 8Page - Cree, Inc XPLBWT-00-0000-0000V40E2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and SC5 Technology™ and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL
LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-L2 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-L2 LeD is Cree’s
highest
performing
high-density
discrete LeD. Leveraging key elements
of Cree’s SC5 Technology™ Platform,
the high-power XP-L2 LeD improves the
lumen density, voltage characteristics
and reliability of the XP-L LeD in the
same 3.45  mm  x  3.45  mm package.
This best-in-class performance enables
lighting
manufacturers
to
deliver
differentiated solutions at lower system
costs for applications such as roadway,
outdoor area, spot and high-bay lighting.
FEAturEs
• Available in white, 70-CRI white, 80-CRI
white and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.2 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• electrically neutral thermal path
• UL® recognized component (e349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics - EasyWhite® Order
Codes and Bins ...........................................3
Flux Characteristics - ANSI Order Codes
and Bins.......................................................6
Relative Spectral Power Distribution ...... 10
Relative Flux vs. Junction Temperature.. 10
electrical Characteristics......................... 11
Relative Flux vs. Current .......................... 11
Relative Chromaticity vs. Current............ 12
Relative Chromaticity vs. Temperature... 12
Typical Spatial Distribution...................... 13
Thermal Design........................................ 13
Performance Groups - Luminous Flux.... 14
Performance Groups - Chromaticity....... 15
Cree’s EasyWhite® Kits Plotted on ANSI
Standard Chromaticity Regions .............. 16
Cree’s ANSI Kits Plotted on ANSI
Standard Chromaticity Regions .............. 17
Cree’s Standard Chromaticity Kits .......... 19
Bin and Order Code Formats................... 19
Reflow Soldering Characteristics............ 20
Notes ........................................................ 21
Mechanical Dimensions .......................... 22
Tape and Reel........................................... 23
Packaging................................................. 24


Similar Part No. - XPLBWT-00-0000-0000V40E2

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLBWT-00-0000-0000V40E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com