Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLAWT-00-0000-000LV40Z5 Datasheet(PDF) 4 Page - Cree, Inc

Part # XPLAWT-00-0000-000LV40Z5
Description  Cree XLamp XP-L LEDs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLAWT-00-0000-000LV40Z5 Datasheet(HTML) 4 Page - Cree, Inc

  XPLAWT-00-0000-000LV40Z5 Datasheet HTML 1Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 2Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 3Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 4Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 5Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 6Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 7Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 8Page - Cree, Inc XPLAWT-00-0000-000LV40Z5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® Xp-L LED
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CrI Minimum
75 CrI typical
80 CrI Minimum
e3
5000 K
v6
480
535
XPLAWT-00-0000-000BV60E3
v5
460
513
XPLAWT-00-0000-000BV50E3
XPLAWT-00-0000-000LV50E3
v4
440
491
XPLAWT-00-0000-000BV40E3
XPLAWT-00-0000-000LV40E3
v3
420
468
XPLAWT-00-0000-000BV30E3
XPLAWT-00-0000-000LV30E3
v2
400
446
XPLAWT-00-0000-000BV20E3
XPLAWT-00-0000-000LV20E3
F4
4750 K
v6
480
535
XPLAWT-00-0000-000BV60F4
v5
460
513
XPLAWT-00-0000-000BV50F4
XPLAWT-00-0000-000LV50F4
v4
440
491
XPLAWT-00-0000-000BV40F4
XPLAWT-00-0000-000LV40F4
v3
420
468
XPLAWT-00-0000-000BV30F4
XPLAWT-00-0000-000LV30F4
v2
400
446
XPLAWT-00-0000-000BV20F4
XPLAWT-00-0000-000LV20F4
e4
4500 K
v6
480
535
XPLAWT-00-0000-000BV60E4
v5
460
513
XPLAWT-00-0000-000BV50E4
XPLAWT-00-0000-000LV50E4
v4
440
491
XPLAWT-00-0000-000BV40E4
XPLAWT-00-0000-000LV40E4
v3
420
468
XPLAWT-00-0000-000BV30E4
XPLAWT-00-0000-000LV30E4
v2
400
446
XPLAWT-00-0000-000BV20E4
XPLAWT-00-0000-000LV20E4
F5
4250 K
v6
480
535
XPLAWT-00-0000-000BV60F5
v5
460
513
XPLAWT-00-0000-000BV50F5
XPLAWT-00-0000-000LV50F5
v4
440
491
XPLAWT-00-0000-000BV40F5
XPLAWT-00-0000-000LV40F5
v3
420
468
XPLAWT-00-0000-000BV30F5
XPLAWT-00-0000-000LV30F5
v2
400
446
XPLAWT-00-0000-000BV20F5
XPLAWT-00-0000-000LV20F5
e5
4000 K
v6
480
535
XPLAWT-00-0000-000BV60E5
v5
460
513
XPLAWT-00-0000-000BV50E5
v4
440
491
XPLAWT-00-0000-000BV40E5
XPLAWT-00-0000-000LV40E5
XPLAWT-00-0000-000HV40E5
v3
420
468
XPLAWT-00-0000-000BV30E5
XPLAWT-00-0000-000LV30E5
XPLAWT-00-0000-000HV30E5
v2
400
446
XPLAWT-00-0000-000BV20E5
XPLAWT-00-0000-000LV20E5
XPLAWT-00-0000-000HV20E5
U6
380
424
XPLAWT-00-0000-000BU60E5
XPLAWT-00-0000-000LU60E5
XPLAWT-00-0000-000HU60E5
U5
360
401
XPLAWT-00-0000-000HU50E5
Z5
4000 K
v4
440
491
XPLAWT-00-0000-000BV40Z5
XPLAWT-00-0000-000LV40Z5
XPLAWT-00-0000-000HV40Z5
v3
420
468
XPLAWT-00-0000-000BV30Z5
XPLAWT-00-0000-000LV30Z5
XPLAWT-00-0000-000HV30Z5
v2
400
446
XPLAWT-00-0000-000BV20Z5
XPLAWT-00-0000-000LV20Z5
XPLAWT-00-0000-000HV20Z5
U6
380
424
XPLAWT-00-0000-000BU60Z5
XPLAWT-00-0000-000LU60Z5
XPLAWT-00-0000-000HU60Z5
U5
360
401
XPLAWT-00-0000-000HU50Z5
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C) - Continued


Similar Part No. - XPLAWT-00-0000-000LV40Z5

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLAWT-00-0000-000LV40Z5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com