Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM15WTRZA-3P Datasheet(PDF) 7 Page - Hirose Electric

Part # RM15WTRZA-3P
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15WTRZA-3P Datasheet(HTML) 7 Page - Hirose Electric

Back Button RM15WTRZA-3P Datasheet HTML 3Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 4Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 5Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 6Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 7Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 8Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 9Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 10Page - Hirose Electric RM15WTRZA-3P Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Number of Contacts
Notes : 1.
Screw size: M3
2.
Recommended nut tightening torque : 0.3 to 0.35N•m
109-1671-7-ππ
109-1672-0-ππ
109-1673-2-ππ
109-1674-5-ππ
109-1675-8-ππ
109-1676-0-ππ
Part Number
CL No.
Number of Contacts
Weight RoHS
A
19g
YES
21
21g
22.1
20g
21
19g
20.65
20g
20.65
20g
20.65
RM15WTRZB-2P(ππ)
RM15WTRZB-3P(ππ)
RM15WTRZB-4P(ππ)
RM15WTRZB-8P(ππ)
RM15WTRZB-10P(ππ)
RM15WTRZB-12P(ππ)
2
3
4
8
10
12
28
2
M19∞1
6
9
A
4-Ø3.6
20.6
28
2
M19∞1
6
9
A
4-Ø3.6
20.6
RM15WTRZB-10S(71)
JR15WTRZB-10PA(71)
Notes : 1.
Screw size: M3
2.
Recommended nut tightening torque : 0.3 to 0.35N•m
109-1692-7
109-1693-0
109-1694-2
CL No.
109-1695-5
Part Number
CL No.
Number of Contacts
Weight RoHS
A
20g
YES
22.1
21g
21
22g
YES
Weight RoHS
24g
RM15WTRZB-3PA(ππ)
RM15WTRZB-4PA(ππ)
RM15WTRZB-8PA(ππ)
Part Number
RM15WTRZB-10PA(ππ)
3
4
8
20.65
A
10
20.6
109-1677-3-ππ
CL No.
109-1678-6-ππ
109-1679-9-ππ
109-1680-8-ππ
109-1681-0-ππ
109-1682-3-ππ
21g
YES
Weight RoHS
23g
21g
21g
21g
21g
RM15WTRZB-2S(ππ)
Part Number
RM15WTRZB-3S(ππ)
RM15WTRZB-4S(ππ)
RM15WTRZB-8S(ππ)
RM15WTRZB-10S(ππ)
RM15WTRZB-12S(ππ)
2
21.75
Number of Contacts
A
3
22.1
4
21.75
8
21.6
10
21.6
12
21.6
sReceptacles (Square flange)
q Waterproof (When mated with corresponding plug)
q Waterproof (single body)
[Specification number] (**), -**
(71) : Silver plated contacts
(72) : Gold plated contacts
[Specification number] (**), -**
(71) : Silver plated contacts
(72) : Gold plated contacts
(shown one example)
(shown one example)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM15WTRZA-3P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM15 MITSUBISHI-RM15 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
logo
Micro Commercial Compon...
RM15 MCC-RM15 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Mitsubishi Electric Sem...
RM1500DC-66F MITSUBISHI-RM1500DC-66F Datasheet
226Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Micro Commercial Compon...
RM1500E MCC-RM1500E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1500E MCC-RM1500E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM15WTRZA-3P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com