Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-FL Datasheet(PDF) 3 Page - Hirose Electric

Part # W-FL
Description  Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W-FL Datasheet(HTML) 3 Page - Hirose Electric

  W-FL Datasheet HTML 1Page - Hirose Electric W-FL Datasheet HTML 2Page - Hirose Electric W-FL Datasheet HTML 3Page - Hirose Electric W-FL Datasheet HTML 4Page - Hirose Electric W-FL Datasheet HTML 5Page - Hirose Electric W-FL Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(L)(mm)
Standard Tolerance (mm)
3
sHow to Specify Cable Assembly
q Ordering Information
q Standard tolerances for (L)**
L(mm)
Double-ended cable assembly
L(mm)
Single-ended cable assembly
sReceptacle
0.3
0.85
0.25
0.3
2
1.7
SIGNAL TERMINAL
GND
BRecommended PCB Mounting Pattern
GND
No conductive traces in this area
2.6
1.4
0.5
SIGNAL
TERMINAL
PAD
Series name
Assembly type
Cable type
Cable color
Total length (mm)
W.FL
LP2: Single ended
2LP: Double ended
04N: 0.81mm dia. ultra-fine coaxial cable
1: White, 2: Black
Length (L)
1
2
3
4
5
*L=35 to 200
±4
L=200 to 500
±8
L=500 to 1000
±12
L=1000 /
±1.5% of (L)
Part Number
CL No.
Packaging
331-0482-6-10
Reel packaging (2000 pieces/reel)
W.FL-R-SMT-1(10)
Weight / EA
5.6 mg
--
--
--
-- (L)
A
[[ ]]
04N
2LP
W.FL
1
2
3
4
5
*Minimum available length (L) is 35mm
**Contact nearest HRS representative if different
tolerances are required.
***Contact Nearest HRS representative if one end
requires preparation.
Recommended screen thickness: 0.1mm to 0.12mm
***
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - W-FL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Similar Description - W-FL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com