Electronic Components Datasheet Search |
|
RM15WTPZ-12S Datasheet(PDF) 9 Page - Hirose Electric |
|
RM15WTPZ-12S Datasheet(HTML) 9 Page - Hirose Electric |
9 / 16 page 9 BReceptacle - recommended panel cut-outs BContact Position Arrangement and Specifications BPrecautions 1. Switch off the power of the circuit before disconnecting or plugging- in the connectors. 2. Use a connectors with socket contacts at the power side of the circuit. 3. Make sure that the coupling is in completely cocked position. 4. Use correct plug / receptacle to assure dust and water protection. Ø17 +0.1 0 Front mounting, rear nut Ø21 +0.1 0 Rear mounting, front nut 4-M3∞0.5 20.6±0.05 1.4±0.05 Square flange, screw mounting Contact configuration Shell size : 15 Number of contacts Withstanding voltage Current rating Insulation resistance Contact resistance Solder pot inner diameter 2 1800V AC / 1 minute 10A 1000Mø min. 2mø max. 1.7mm 3 2000V AC / 1 minute 10A 1000Mø min. 2mø max. 2.8mm 4 1500V AC / 1 minute 10A 1000Mø min. 2mø max. 1.7mm 8 1500V AC / 1 minute 5A 1000Mø min. 4mø max. 1.1mm 10 1000V AC / 1 minute 5A 1000Mø min. 4mø max. 1.1mm 12 1000V AC / 1 minute 5A 1000Mø min. 4mø max. 1.1mm Panel thickness: 0.5 to 2 mm For RM15WTRZ receptacles Panel thickness: 0.5 to 2.5 mm For RM15WTRZA receptacles Panel thickness: 2.5 to 4 mm For RM15WTRZB receptacles Notes : 1. When attaching the receptacle to the panel, be certain to check that the gasket is in place in the groove. Do not pinch the gasket. Notes : 2. The view of the above diagrams is from the receptacle mating side. Notes : 3. The w symbol in the above diagrams indicates the coupling guide position of the receptacles. Notes : 1. The contact configuration as viewed from the wiring side. Notes : 2. The w symbol in the above diagrams indicates the coupling guide position of the receptacles. Notes : 3. Withstanding voltages indicate test voltage values. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - RM15WTPZ-12S |
|
Similar Description - RM15WTPZ-12S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |