Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQEAWT-00-0000-00000HCE7 Datasheet(PDF) 9 Page - Cree, Inc

Part # XQEAWT-00-0000-00000HCE7
Description  Cree XLamp XQ-E LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQEAWT-00-0000-00000HCE7 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XQEAWT-00-0000-00000HCE7 Datasheet HTML 5Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 6Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 7Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 8Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 9Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 10Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 11Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 12Page - Cree, Inc XQEAWT-00-0000-00000HCE7 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® XQ-E LED
rELAtIvE sPECtrAL PoWEr DIstrIbutIon
High Density
High Density Color
Relative Spectral Power
high density
cool & neutral white from Copy of 161017 XQE NW_CW Spectra Data.xlsx
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5700 K, 70 CRI
4000 K, 75 CRI
3000 K, 80 CRI
Relative Spectral Power
high density
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Royal Blue
Blue
Green
PC Amber
Red-Orange
Red
Photo Red, HE
Photo Red


Similar Part No. - XQEAWT-00-0000-00000HCE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQEAWT-00-0000-00000HCE7 CREE-XQEAWT-00-0000-00000HCE7 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
logo
Cree LED
XQEAWT-00-0000-00000HCE7 CREELED-XQEAWT-00-0000-00000HCE7 Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
More results

Similar Description - XQEAWT-00-0000-00000HCE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com