Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C669FA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89C669FA
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669FA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89C669FA Datasheet HTML 13Page - NXP Semiconductors P89C669FA Datasheet HTML 14Page - NXP Semiconductors P89C669FA Datasheet HTML 15Page - NXP Semiconductors P89C669FA Datasheet HTML 16Page - NXP Semiconductors P89C669FA Datasheet HTML 17Page - NXP Semiconductors P89C669FA Datasheet HTML 18Page - NXP Semiconductors P89C669FA Datasheet HTML 19Page - NXP Semiconductors P89C669FA Datasheet HTML 20Page - NXP Semiconductors P89C669FA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Philips Semiconductors
P89C669
80C51 8-bit microcontroller family with extended memory
Product data
Rev. 02 — 13 November 2003
17 of 33
9397 750 12299
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.4 Security bits
The P89C669 has security bits to protect users’ firmware codes. With none of the
security bits programmed, the code in the program memory can be verified. When
only security bit 1 (see Table 6) is programmed, MOVC instructions executed from
external program memory are disabled from fetching code bytes from the internal
memory. EA is latched on Reset and all further programming of EPROM is disabled.
When security bits 1 and 2 are programmed, in addition to the above, verify mode is
disabled. When all three security bits are programmed, all of the conditions above
apply and all external program memory execution is disabled.
[1]
P - programmed. U - unprogrammed.
[2]
Any other combination of security bits is not defined.
8.
Limiting values
[1]
The following applies to the Limiting values:
a) Stresses above those listed under Limiting values may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in Section 9 “Static characteristics” and
Section 10 “Dynamic characteristics” of this specification is not implied.
b) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
c) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
Table 6:
EPROM security bits
Security Bits[1][2]
Bit 1
Bit 2
Bit 3
Protection description
1
U
U
U
No program security features enabled. Flash is
programmable and verifiable.
2
P
U
U
MOVC instructions executed from external
program memory are disabled from fetching code
bytes from internal memory, EA is sampled and
latched on Reset, and further programming of the
EPROM is disabled.
3
P
P
U
Same as 2, also verification is disabled.
4
P
P
P
Same as 3, external execution is disabled.
Table 7:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb
operating temperature
under bias
0
+70
°C
−40
+85
°C
Tstg
storage temperature range
−65
+150
°C
VI
input voltage on EA/VPP pin to VSS
0
+13
V
input voltage on any other pin to VSS
−0.5
VDD + 0.5
V
II, IO
maximum IOL per I/O pin
-
20
mA
P
power dissipation
based on package heat
transfer, not device power
consumption
-
1.5
W


Similar Part No. - P89C669FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C660 PHILIPS-P89C660 Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
P89C660HBA PHILIPS-P89C660HBA Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C660HBBD PHILIPS-P89C660HBBD Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C660HFA PHILIPS-P89C660HFA Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
More results

Similar Description - P89C669FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51MB2_MC2 PHILIPS-P87C51MB2_MC2 Datasheet
970Kb / 36P
   80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
Rev. 03-13 November 2003
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
logo
NXP Semiconductors
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com