Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W8486A Datasheet(PDF) 26 Page - Keysight Technologies

Part # W8486A
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W8486A Datasheet(HTML) 26 Page - Keysight Technologies

Back Button W8486A Datasheet HTML 20Page - Keysight Technologies W8486A Datasheet HTML 21Page - Keysight Technologies W8486A Datasheet HTML 22Page - Keysight Technologies W8486A Datasheet HTML 23Page - Keysight Technologies W8486A Datasheet HTML 24Page - Keysight Technologies W8486A Datasheet HTML 25Page - Keysight Technologies W8486A Datasheet HTML 26Page - Keysight Technologies W8486A Datasheet HTML 27Page - Keysight Technologies W8486A Datasheet HTML 28Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
U2000 Series USB Power Sensor Specifications
The U2000 Series USB power sensors are true average, wide-dynamic-range RF/microwave
power sensors, based on a dual-sensor diode pair/attenuator/diode pair topology.
The U2000 Series USB power sensors can be operated on N1913A/14A via the USB host
port (options).
Frequency and power ranges
Table 17. U2000 Series USB sensors frequency and power ranges
Model
Frequency range
Power range
Maximum power
U2000A
10 MHz to 18 GHz
–60 dBm to +20 dBm
+25 dBm avg, 20 VDC
+33 dBm pk, < 10 µs
U2001A
10 MHz to 6 GHz
U2002A
50 MHz to 24 GHz
U2004A
9 kHz to 6 GHz
–60 dBm to +20 dBm
+25 dBm avg, 5 VDC
+33 dBm pk, < 10 µs
U2000B
10 MHz to 18 GHz
–30 dBm to +44 dBm
+45 dBm avg, 20 VDC
+47 dBm pk, 1 µs
U2001B
10 MHz to 6 GHz
U2000H
10 MHz to 18 GHz
–50 dBm to +30 dBm
+33 dBm avg, 20 VDC
+50 dBm pk, 1 µs
U2001H
10 MHz to 6 GHz
U2002H
50 MHz to 24 GHz
–50 dBm to +30 dBm
+33 dBm avg, 10 VDC
+50 dBm pk, 1 µs
Power accuracy
Table 18. U2000 Series USB sensors power accuracy
Model
Power range
Accuracy1
(25 °C ± 10 °C)
Accuracy1
(0 °C to 55 °C)
U2000/1/2/4A
–60 dBm to +20 dBm
± 3.0%
± 3.5%
U2000/1/2H
–50 dBm to +30 dBm
± 4.0%
± 5.0%
U2000/1B
–30 dBm to +44 dBm
± 3.5%
± 4.0%
Specifications valid with the following conditions:
– After zeroing
– Number of averages = 1024
– After 30 minutes of power-on warm-up
1. This accuracy is essentially a combination of linearity, instrumentation accuracy, and traceability to
absolute accuracy at 50 MHz, 0 dBm.
Note: Mismatch uncertainty, calibration factor uncertainty, and power level dependent terms
(zero set, drift, and noise) are excluded in this specification.


Similar Part No. - W8486A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
W8405 IXYS-W8405 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
W8405ZC100 IXYS-W8405ZC100 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
W8405ZC140 IXYS-W8405ZC140 Datasheet
553Kb / 11P
   Rectifier Diode
Date:- 03rd July, 2014
logo
VBsemi Electronics Co.,...
W840B VBSEMI-W840B Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - W8486A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com