Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-L1-0000-00D51 Datasheet(PDF) 10 Page - Cree, Inc

Part # XPEBWT-L1-0000-00D51
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-L1-0000-00D51 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XPEBWT-L1-0000-00D51 Datasheet HTML 6Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 7Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 8Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 9Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 10Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 11Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 12Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 13Page - Cree, Inc XPEBWT-L1-0000-00D51 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
10
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® Xp-E2 LED
Note:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
FLuX ChArACtEristiCs - CoLor (t
J = 25 °C)
The following tables provide order codes for XLamp XP-e2 color LeDs. For a complete description of the order-code nomenclature, please
see the Bin and Order Code Formats section (page 33).
Color
Minimum radiant
Flux @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux
(mW)
Group
DWL
(nm)
Group
DWL
(nm)
Royal
Blue
30
450
D3
450
D5
465
XPEBRY-L1-0000-00J01
D3
450
D4
460
XPEBRY-L1-0000-00J02
D4
455
D5
465
XPEBRY-L1-0000-00J03
31
475
D3
450
D5
465
XPeBRY-L1-0000-00K01
D3
450
D4
460
XPeBRY-L1-0000-00K02
D4
455
D5
465
XPEBRY-L1-0000-00K03
32
500
D3
450
D5
465
XPeBRY-L1-0000-00L01
D3
450
D4
460
XPeBRY-L1-0000-00L02
D4
455
D5
465
XPEBRY-L1-0000-00L03
33
525
D3
450
D5
465
XPeBRY-L1-0000-00M01
D3
450
D4
460
XPeBRY-L1-0000-00M02
D4
455
D5
465
XPEBRY-L1-0000-00M03
34
550
D3
450
D5
465
XPeBRY-L1-0000-00N01
D3
450
D4
460
XPeBRY-L1-0000-00N02
D4
455
D5
465
XPEBRY-L1-0000-00N03
35
575
D3
450
D5
465
XPeBRY-L1-0000-00P01
D3
450
D4
460
XPeBRY-L1-0000-00P02
D4
455
D5
465
XPEBRY-L1-0000-00P03
36
600
D3
450
D5
465
XPeBRY-L1-0000-00Q01
D3
450
D4
460
XPeBRY-L1-0000-00Q02
D4
455
D5
465
XPEBRY-L1-0000-00Q03
37
625
D3
450
D5
465
XPeBRY-L1-0000-00R01
D3
450
D4
460
XPeBRY-L1-0000-00R02
38
650
D3
450
D5
465
XPeBRY-L1-0000-00S01
D3
450
D4
460
XPeBRY-L1-0000-00S02


Similar Part No. - XPEBWT-L1-0000-00D51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00D51 CREE-XPEBWT-L1-0000-00D51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00D51 CREE-XPEBWT-L1-0000-00D51 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-L1-0000-00D51 CREE-XPEBWT-L1-0000-00D51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00D51 CREE-XPEBWT-L1-0000-00D51 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
More results

Similar Description - XPEBWT-L1-0000-00D51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com