Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8480 Datasheet(PDF) 7 Page - Keysight Technologies

Part # N8480
Description  Series Thermocouple Power Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8480 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N8480 Datasheet HTML 3Page - Keysight Technologies N8480 Datasheet HTML 4Page - Keysight Technologies N8480 Datasheet HTML 5Page - Keysight Technologies N8480 Datasheet HTML 6Page - Keysight Technologies N8480 Datasheet HTML 7Page - Keysight Technologies N8480 Datasheet HTML 8Page - Keysight Technologies N8480 Datasheet HTML 9Page - Keysight Technologies N8480 Datasheet HTML 10Page - Keysight Technologies N8480 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
07 | Keysight | N8480 Series Thermocouple Power Sensors - Data Sheet
Performance Characteristics (continued)
1.22
1.20
1.18
1.16
1.14
1.12
1.10
1.08
1.06
1.04
26.5
29
31.5
34
36.5
39
41.5
Frequency GHz
1.08
1.07
1.06
1.05
1.04
1.03
1.02
1.01
1
0
2
4
6
8
10
12
14
16
18
20
Frequency GHz
1.028
1.026
1.024
1.022
1.020
1.018
1.016
1.014
1.012
1.01
0
1
2
3
4
5
6
7
Frequency GHz
1.24
1.22
1.20
1.18
1.16
1.14
1.12
1.10
1.08
1.06
1.04
1.02
1
0
2
4
6
8
10
12
14
16
18
20
Frequency GHz
1.09
1.08
1.07
1.06
1.05
1.04
1.03
1.02
1.01
1
0
1
2
3
4
5
6
7
Frequency GHz
Typical SWR, 26.5 to 40 GHz (25 ± 10 °C) for N8486AR power sensor
Typical SWR, 10 MHz to 18 GHz (25 ± 10 °C) for N8481B power sensor
Typical SWR, 100 kHz to 6 GHz (25 ± 10 °C) for N8482B power sensor
Typical SWR, 10 MHz to 18 GHz (25 ± 10 °C) for N8481H power sensor
Typical SWR, 100 kHz to 6 GHz (25 ± 10 °C) for N8482H power sensor


Similar Part No. - N8480

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8481A KEYSIGHT-N8481A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8481H KEYSIGHT-N8481H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8482B KEYSIGHT-N8482B Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8482H KEYSIGHT-N8482H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8487A KEYSIGHT-N8487A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
More results

Similar Description - N8480

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8482H KEYSIGHT-N8482H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8481A KEYSIGHT-N8481A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8487A KEYSIGHT-N8487A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8481H KEYSIGHT-N8481H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8482B KEYSIGHT-N8482B Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
N8488A KEYSIGHT-N8488A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
U8487A KEYSIGHT-U8487A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
U8481A KEYSIGHT-U8481A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
U8488A KEYSIGHT-U8488A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
U8485A KEYSIGHT-U8485A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com