Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1924A Datasheet(PDF) 10 Page - Keysight Technologies

Part # N1924A
Description  Wideband Power Sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1924A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N1924A Datasheet HTML 6Page - Keysight Technologies N1924A Datasheet HTML 7Page - Keysight Technologies N1924A Datasheet HTML 8Page - Keysight Technologies N1924A Datasheet HTML 9Page - Keysight Technologies N1924A Datasheet HTML 10Page - Keysight Technologies N1924A Datasheet HTML 11Page - Keysight Technologies N1924A Datasheet HTML 12Page - Keysight Technologies N1924A Datasheet HTML 13Page - Keysight Technologies N1924A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 | Keysight | 8990B Peak Power Analyzer and N1923A/N1924A Wideband Power Sensors - Data Sheet
Key specifications
RF input channels
2
Video input channels
2
Maximum real time sampling rate
100 MSa/s 1 (Real Time), 1 GSa/s 1 (ETS On), 20 GSa/s 2
Maximum capture length
1 s
Memory depth
Max 2M points
Instrumentation linearity
± 0.8%
Rise time/fall time
≤ 5 nsec (for frequencies ≥ 500 MHz) 3
RF inputs (Channels 1 and 4)
Frequency range
50 MHz to 40 GHz
Dynamic range
–35 dBm to +20 dBm
Measurement unit
Linear (Watt) or Log (dBm) selectable
Video bandwidth
160 MHz 4
Minimum pulse width
50 ns
Maximum pulse repetition rate
10 MHz
Input coupling
50 Ω
Vertical scale
0.01 dB/div to 100 dB/div in 1-2-5 sequence or any arbitrary scaling, user defined
1 µW/div to 1 kW/div in 1-2-5 sequence or any arbitrary scaling, user defined
Offset
± 99 dBm with 0.01 dB resolution
ETS threshold
500 ns, 1 µs, 2 µs, 5 µs, 10 µs
Video inputs (Channels 2 and 3)
General characteristics
Video bandwidth
1 GHz
Input impedance
50 Ω ± 2.5%, 1 MΩ ± 1% (11 pF typical)
Input coupling
1 MΩ: AC (3.5 Hz), DC
50 Ω: DC
Vertical scale
1 MΩ: 1 mV/div to 5 V/div in 1-2-5 sequence or any arbitrary scaling, user defined
50 Ω: 1 mV/div to 1 V/div in 1-2-5 sequence or any arbitrary scaling, user defined
DC gain accuracy
± 2% of full scale at full resolution on channel scale ± 5 °C from cal temp
Offset accuracy
± (1.25% of channel offset +1% of full scale + 1 mV) 5
Maximum input voltage
1 MΩ: 150 V RMS or DC, CAT I
± 250 V (DC + AC) in AC coupling
8990B Peak Power Analyzer Specifications
Offset range
Vertical sensitivity
Available offset
1 MΩ
1 mV to < 10 mV/div
± 2 V
10 mV to < 20 mV/div
± 5 V
20 mV to < 100 mV/div
± 10 V
100 mV to < 1 V/div
± 20 V
1 V to 5 V/div
± 100 V
50 Ω
± 12 div or ± 4 V, whichever is smallest
1. For RF input channel 1 and 4.
2. For video input channel 2 and 3.
3. Specification applies only when the Off video bandwidth is selected.
4. Video bandwidth tested by measuring peak-to-average on a two-tone separation signal at +10 dBm, frequency set at 1 GHz. Test limit set at 2 dB roll off
from the nominal 3 dB peak-to-average flatness graph.
5. 50 Ω input: Full scale is defined as 8 vertical divisions. Magnification is used below 10 mV/div, full-scale is defined as 80 mV. The major scale settings are
5 mV, 10 mV, 20 mV, 50 mV, 100 mV, 200 mV, 500 mV, and 1 V.
1 MΩ input: Full scale is defined as 8 vertical divisions. Magnification is used below 5 mV/div, full-scale is defined as 40 mV. The major scale settings are
5 mV, 10 mV, 20 mV, 50 mV, 100 mV, 200 mV, 500 mV, 1 V, 2 V, and 5 V.


Similar Part No. - N1924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1922A KEYSIGHT-N1922A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N192xA-105 KEYSIGHT-N192xA-105 Datasheet
1Mb / 14P
   P-Series Power Meters and
N192xA-106 KEYSIGHT-N192xA-106 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Similar Description - N1924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N1922A KEYSIGHT-N1922A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
8990B KEYSIGHT-8990B Datasheet
4Mb / 19P
   8990B Peak Power Analyzer and N1923A/N1924A Wideband Power Sensors
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com