Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1922A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N1922A
Description  Wideband Power Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1922A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N1922A Datasheet HTML 4Page - Keysight Technologies N1922A Datasheet HTML 5Page - Keysight Technologies N1922A Datasheet HTML 6Page - Keysight Technologies N1922A Datasheet HTML 7Page - Keysight Technologies N1922A Datasheet HTML 8Page - Keysight Technologies N1922A Datasheet HTML 9Page - Keysight Technologies N1922A Datasheet HTML 10Page - Keysight Technologies N1922A Datasheet HTML 11Page - Keysight Technologies N1922A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
Characteristic Peak Flatness
The peak flatness is the flatness of a peak-to-average ratio measurement for various tone-separations for an equal magnitude two-
tone RF input. Figure 2 refers to the relative error in peak-to-average ratio measurements as the tone separation is varied. The mea-
surements were performed at –10 dBm with power sensors with 1.5 m cable lengths.
Figure 2. N192XA Error in peak-to-average measurements for a two-tone input (High, Medium, Low and Off filters)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0
5
10
15
20
25
30
Input tone separation frequency (MHz)
High
Medium
Low
(< 500 MHz)
Off
(> 500 MHz)
Off
Noise and drift
Sensor model
Zeroing
Zero set
Zero drift1
Noise per sample
Measurement noise (Free run)2
< 500 MHz
> 500 MHz
N1921A /N1922A
No RF on input
200 nW
200 nW
100 nW
2 μW
50 nW
RF present
550 nW
200 nW
Measurement average setting
1
2
4
8
16
32
64
128
256
512
1024
Free run noise multiplier
1
0.9
0.8
0.7
0.6
0.5
0.45
0.4
0.3
0.25
0.2
Video BW setting
Low 5 MHz
Medium 15 MHz
High 30 MHz
Off
Noise per sample multiplier
< 500 MHz
≥ 500 MHz
0.5
0.45
1
0.75
2
1.1
1
1
1. Within 1 hour after a zero, at a constant temperature, after 24 hour warm-up of the power meter. This component can be disregarded with Auto-zero mode
set to ON.
2. Measured over a one-minute interval, at a constant temperature, two standard deviations, with averaging set to 1.
Effect of video bandwidth setting
The noise per sample is reduced by applying the meter video bandwidth filter setting (High, Medium or Low). If averaging is implement-
ed, this will dominate any effect of changing the video bandwidth.
Effect of time-gating on measurement noise
The measurement noise on a time-gated measurement will depend on the time gate length. 100 averages are carried out every 1 us of
gate length. The Noise-per-Sample contribution in this mode can approximately be reduced by √(gate length/10 ns) to a limit of 50 nW.


Similar Part No. - N1922A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N1924A KEYSIGHT-N1924A Datasheet
4Mb / 19P
   Wideband Power Sensors
N192xA-105 KEYSIGHT-N192xA-105 Datasheet
1Mb / 14P
   P-Series Power Meters and
N192xA-106 KEYSIGHT-N192xA-106 Datasheet
1Mb / 14P
   P-Series Power Meters and
More results

Similar Description - N1922A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1923A KEYSIGHT-N1923A Datasheet
4Mb / 19P
   Wideband Power Sensors
N1924A KEYSIGHT-N1924A Datasheet
4Mb / 19P
   Wideband Power Sensors
N1921A KEYSIGHT-N1921A Datasheet
1Mb / 14P
   Wideband Power Sensors
8990B KEYSIGHT-8990B Datasheet
4Mb / 19P
   8990B Peak Power Analyzer and N1923A/N1924A Wideband Power Sensors
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com