Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB3590-0000-000N0HCB57E Datasheet(PDF) 11 Page - Cree, Inc

Part # CXB3590-0000-000N0HCB57E
Description  30?몀m optical source
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3590-0000-000N0HCB57E Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXB3590-0000-000N0HCB57E Datasheet HTML 7Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 8Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 9Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 10Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 11Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 12Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 13Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 14Page - Cree, Inc CXB3590-0000-000N0HCB57E Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CXB3590 LED
relatiVe luminOus Flux - COntinued
The relative luminous flux values provided below are the ratio of:
• Measurements of CXB3590 at steady‑state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 1200 mA at T
J = 85 °C for the 72‑V CXB3590.
Using the 72‑V CXB3590 LED as an example, at steady‑state operation of Tc = 25 °C, I
F = 1400 mA, the relative luminous flux ratio is 120%
in the chart below. A CXB3590 LED that measures 11,000 lm during binning will deliver 13,200 lm (11,000 * 1.2) at steady‑state operation
of Tc = 25 °C, I
F = 1400 mA.
0%
30%
60%
90%
120%
150%
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
72 V


Similar Part No. - CXB3590-0000-000N0HCB57E

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB3590-0000-000N0HCB57E CREELED-CXB3590-0000-000N0HCB57E Datasheet
2Mb / 21P
   XLamp® CXB3590 LED
REV 4A
More results

Similar Description - CXB3590-0000-000N0HCB57E

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
Hamamatsu Corporation
L7810 HAMAMATSU-L7810_09 Datasheet
517Kb / 4P
   Light level control of light source Sensitivity control of optical sensor
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
PerkinElmer Optoelectro...
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com