Electronic Components Datasheet Search |
|
ET306K32-Z Datasheet(PDF) 10 Page - Copal Electronics |
|
ET306K32-Z Datasheet(HTML) 10 Page - Copal Electronics |
10 / 14 page M12×1 2-M3×0.5 ET L dimensions Terminal style Part No. TAB#250 ScrewTerminal Solder Terminal ET330A■−Z 33.9±2 − 29.1±1 ET330D12−Z ET330E12−Z − ■ Rating Initial contact resistance Dielectric strength Insulation resistance Electrical life ET330A■ ET330D12 ET330E12 AC125V 30A AC250V 25A 20mΩ Max. (DC2V 100mA) AC1500V 1minute 100MΩ Min. (DC500V) 20,000 cycles ■ Rating Initial contact resistance Dielectric strength Insulation resistance Electrical life ET410R13 AC125V 10A AC250V 7A 20mΩ Max. (DC2V 100mA) AC1500V 1 minute 100MΩ Min. (DC500V) 20,000 cycles ■ Rating Initial contact resistance Dielectric strength Insulation resistance Electrical life ET410K12 ET410N12 ET410P12 AC125V 10A AC250V 7A 20mΩ Max. (DC2V 100mA) AC1500V 1 minute 100MΩ Min. (DC500V) 20,000 cycles ET410R12 ET410S12 ET410T12 AC125V 10A AC250V 7A Switching function Part No. Key way Key way Key way ET330A■−Z ON − OFF Connecting terminals 1−3 4−6 7−9 −− ☆ET330D12−Z ON − ON ★ET330E12−Z ON OFF ON Connecting terminals 2−3 5−6 8−9 − 2−1 5−4 8−7 Switching function Part No. Viewed from part No. and rating marking side ★ET410R13−Z ON − (ON) Connecting terminals 2−3 5−6 8−9 11−12 − 2−1 5−4 8−7 11−10 Switching function Part No. Key way Key way Key way ★ET410K12−Z ON − OFF Connecting terminals 1−3 4−6 7−9 10−12 −− ★ET410N12−Z ON − ON ★ET410P12−Z ON OFF ON ★ET410R12−Z ON − (ON) ★ET410S12−Z (ON) OFF (ON) ▲ET410T12−Z ON OFF (ON) Connecting terminals 2−3 5−6 8−9 11−12 − 2−1 5−4 8−7 11−10 ET330□12(3 poles) ET410□12(4 poles) ET410□13(4 poles) Terminal numbers are shown on the bottom of the switch. Terminal numbers are shown on the bottom of the switch. Terminal numbers are shown on the bottom of the switch. ■ shows the terminal style (blank) , 10 , or 12 . ■:Refer to Table of Part Numbers on P.428 for a full list of part numbers. (ON) :Momentary. Terminal pins No.2, No.5, and No.8 are not available in switches with Switching Function A . Terminal pins No.2, No.5, No.8, and No.11 are not available in switches with Switching Function K . ★:Made to order products. ■Panel Cut-Out Dimensions (Plate mounting type) ☆:Semi-standard products. ▲:Inquiry products. |
Similar Part No. - ET306K32-Z |
|
Similar Description - ET306K32-Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |