Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT6880H Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NT6880H
Description  Keyboard Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT6880H Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NT6880H Datasheet HTML 5Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 6Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 7Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 8Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 9Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 10Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 11Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 12Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NT6880
9
Application Circuit I (for reference only)
P20
P21
P22
P23
P24
P25
P26
P27
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P30
P31
NT6880
R0
R1
R2
R3
R4
R5
R6
R7
S0
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
S17
Pause
Q
W
R
U
I
O
P
K14
7
Home
8
9
P g Up
+
Tab
Caps
Lock
F3
T
Y
}
]
F7
{
[
Back
Space
4
5
6
K107
(L)
Shift
WINL
A
S
D
F
J
K
L
:
;
|
\(K29)
1
End
2
3
P g Dn
( R )
Enter
( R )
Shift
WINR
Esc
( K45 )
Macro
F4
G
H
F6
"
'
(L)
Alt
F11
Space
0
Ins
.
Del
Z
X
C
V
M
,
|
\(K42)
Enter
Lock
/
*
K131
K132
K133
B
N
K56
?
/
( R )
Alt
F12
-
F1
F2
5
6
=
-
F9
Delete
Insert
Pa g e
Up
)
0
Print
Screen
F10
Pa g e
Down
( R )
Ctrl
<
.
>
Num
APP
Home
(L)
Ctrl
,
~
%
^
+
F8
End
(
9
*
8
&
7
$
4
#
3
@
2
!
1
F5
VDD
GND
LED0
LED1
LED2
DATA
CLK
R/OSCO
Scroll Lock
Num Lock
Caps Lock
KBD DATA
KBD CLOCK
Scroll
Lock
E
47K (System clock can be decreased
by increasing the resistance)
4.7 - 10 m f
VDD
VDD
0.1m f
RESET
V DD
Optional


Similar Part No. - NT6880H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6881 ETC-NT6881 Datasheet
785Kb / 23P
   USB Keyboard Micro-Controller
More results

Similar Description - NT6880H

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
   Keyboard Controller
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com