Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ02US Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ02US
Description  Dual 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ02US Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ02US Datasheet HTML 1Page - ON Semiconductor NL27WZ02US Datasheet HTML 2Page - ON Semiconductor NL27WZ02US Datasheet HTML 3Page - ON Semiconductor NL27WZ02US Datasheet HTML 4Page - ON Semiconductor NL27WZ02US Datasheet HTML 5Page - ON Semiconductor NL27WZ02US Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL27WZ02
http://onsemi.com
4
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
No. of
Gates per
Package
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Package
Type
Tape and
Reel Size
NL27WZ02US
NL
2
7
WZ
02
US
US8
178 mm, 3000 Unit


Similar Part No. - NL27WZ02US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ02US ONSEMI-NL27WZ02US Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL27WZ02USG ONSEMI-NL27WZ02USG Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL27WZ02USG ONSEMI-NL27WZ02USG Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
NL27WZ02USG ONSEMI-NL27WZ02USG Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
NL27WZ02USG ONSEMI-NL27WZ02USG Datasheet
368Kb / 13P
   Dual 2-Input NOR Gate
March, 2022 - Rev. 16
More results

Similar Description - NL27WZ02US

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com