Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSS212K12 Datasheet(PDF) 1 Page - Copal Electronics

Part # HSS212K12
Description  Miniature Slide Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HSS212K12 Datasheet(HTML) 1 Page - Copal Electronics

  HSS212K12 Datasheet HTML 1Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
363
363.
White
Solder term.
Depth
Opposite side
White
Solder term.
Depth
Opposite side
HSS
Miniature Slide Switches
■Part Numbering
RoHS Compliant
ON
OFF
ON
ON
Terminal style
1
2
A
D
K
N
1 pole
1 pole
2 poles
2 poles
HSS  1  12  A  12
Series code
Current
Number of poles
Switching function
Switching function
12
None
#187
Tab terminal
Solder terminal
■Terminal Styles
Single pole
Double poles
Tab term.#187
Solder term.
Tab term.#187
Solder term.
■Panel Cut Out Dimension
■Table of Part Numbers→Page 524.
Dimension L
Terminal
style
Part No.
TAB#250
Solder
HSS112A■
24
20.5
HSS112D■
24
20.5
Rating
Initial contact resistance Dielectric strength Insulation resistance
Electrical life
HSS112A
HSS112D
AC125V 12A Max.
AC250V 6A Max.
100mΩ Max.
(DC2∼4V 1A)
AC1500V
1 minute
100MΩ Min.
(DC500V)
15,000
cycles
AC・DC 6V 1mA Min.
Rating
Initial contact resistance Dielectric strength Insulation resistance
Electrical life
HSS208K
HSS208N
AC125V 8A Max.
AC250V 5A Max.
100mΩ Max.
(DC2∼4V 1A)
AC1500V
1 minute
100MΩ Min.
(DC500V)
15,000
cycles
AC・DC 6V 1mA Min.
HSS112
HSS208
1 pole
2 pole
Switching function
Part No.
Viewed from part No. marking side
HSS112A■
ON
OFF
Connecting terminals
2−1
HSS112D■
ON
ON
Connecting terminals
2−12−3
Switching function
Part No.
Viewed from part No. marking side
HSS208K■
ON
OFF
Connecting terminals
2−1
5−4
HSS208N■
ON
ON
Connecting terminals
2−1
5−4
2−3
5−6
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
S/D
S/D
TAB
■To check the full part number of the products marked with the ■,
please refer to Table of Part Numbers on P. 530.


Similar Part No. - HSS212K12

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
HSS22-K001BA0 HIGHLY-HSS22-K001BA0 Datasheet
2Mb / 3P
   CONTROL UNITS
HSS22-K001BA1 HIGHLY-HSS22-K001BA1 Datasheet
2Mb / 3P
   CONTROL UNITS
HSS22-K001BA2 HIGHLY-HSS22-K001BA2 Datasheet
2Mb / 3P
   CONTROL UNITS
HSS22-K001BE0 HIGHLY-HSS22-K001BE0 Datasheet
2Mb / 3P
   CONTROL UNITS
HSS22-K001BE1 HIGHLY-HSS22-K001BE1 Datasheet
2Mb / 3P
   CONTROL UNITS
More results

Similar Description - HSS212K12

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com