Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVD85-48S05B-6L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AVD85-48S05B-6L
Description  Total Power: 85 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVD85-48S05B-6L Datasheet(HTML) 1 Page - Artesyn Technologies

  AVD85-48S05B-6L Datasheet HTML 1Page - Artesyn Technologies AVD85-48S05B-6L Datasheet HTML 2Page - Artesyn Technologies AVD85-48S05B-6L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AVD85 Series
85 Watts
Total Power: 85 Watts
Input Voltage: 36 - 75V
# of Outputs: Single
SPECIAL FEATURES
ƒ
2:1 Wide input range
ƒ
Optimised for high density, small
space applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
High efficiency
ƒ
High capacitive load capability
ƒ
Pre-bias start-up capability
ƒ
Basic insulation system
ƒ
Through hole or SMT termination
ƒ
Openframe structure with Baseplate
option
ƒ
Output over current protection
SAFETY
ƒ
UL, cUL: UL60950
ƒ
TUV/CE: IEC/EN60950
Electrical Specifications
Input
Input range
36 - 75 VDC
Efficiency
91.5% @ 3.3 V; 93.5% @5 V; 92.5% @ 12 V
Output
Output voltage
3.3 V, 25 A, 91.5% efficiency
5 V, 17 A, 91% efficiency
12 V, 7 A, 92% efficiency
Output voltage adjust
80% -110% of Vout Nom
Voltage tolerance
+/-1.5%
Line regulation
0.2%
Load regulation
Single output: 0.5%
Noise/ripple
3.3 Vo: 120 mV
Over voltage protection
Over temperature protection
Auto-restart
Switching frequency
250 KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Data Sheet


Similar Part No. - AVD85-48S05B-6L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVD85-48S05B-6L ARTESYN-AVD85-48S05B-6L Datasheet
541Kb / 3P
   Fixed switching frequency
More results

Similar Description - AVD85-48S05B-6L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
   Total Power: 360 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com