Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVE240C-48S12P-14Y Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AVE240C-48S12P-14Y
Description  Half-brick Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVE240C-48S12P-14Y Datasheet(HTML) 1 Page - Artesyn Technologies

  AVE240C-48S12P-14Y Datasheet HTML 1Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 2Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 3Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 4Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 5Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 6Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 7Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 8Page - Artesyn Technologies AVE240C-48S12P-14Y Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev.10.13.14_#1.1
AVE240C-48S12
Page 1
Technical Reference Note
AVE240C-48S12
240 Watts
Half-brick Converter
Total Power:
240 Watts
Input Voltage: 36 to 75 Vdc
# of Outputs:
Single
Product Descriptions
The AVE240C-48S12 is a single output DC-DC converter with standard half-
brick form factor and pin configuration. It delivers up to 20A output current with
12V output voltage.
Ultal-high 94.6% efficiency and excellent thermal
performance makes it an ideal choice to use in telecom and datacom
applications and can operate under an ambient temperature range of -40 OC ~
+85 OC.
Applications
Telecom/ Datacom
Special Features
• Delivering up to 20A output
• Ultra-high efficiency 94.6% typ. at
full load;95% typ. at half load
• Wide input range: 36V ~ 75V
• Excellent thermal performance
• No minimum load requirement
• RoHS compliant
• Remote ON/OFF control function
• Remote output sense
• Trim function: -10% ~ +10%
• Input under voltage lockout
• Output over current protection
• Output over voltage protection
• Over temperature protection
• Industry standard half-brick pin-out
outline
• Pin length optional
Safety
IEC/EN/UL/CSA 60950
CE Mark
TUV
FCC Class A
EN55022 Class A


Similar Part No. - AVE240C-48S12P-14Y

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVE224M50B12T-F CDE-AVE224M50B12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
AVE225M50B12T-F CDE-AVE225M50B12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
AVE226M04A12T-F CDE-AVE226M04A12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
AVE226M06B12T-F CDE-AVE226M06B12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
AVE226M10C12T-F CDE-AVE226M10C12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
More results

Similar Description - AVE240C-48S12P-14Y

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com