Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5007SNT1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5007SNT1
Description  Compact Backlight LED Boost Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5007SNT1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5007SNT1 Datasheet HTML 2Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 3Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 4Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 5Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 6Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 7Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 8Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 9Page - ON Semiconductor NCP5007SNT1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NCP5007
http://onsemi.com
6
Basically, the chip operates with two cycles:
Cycle #1 : time t1, the energy is stored into the inductor
Cycle #2 : time t2, the energy is dumped to the load
The POR signal sets the flip−flop and the first cycle takes
place. When the current hits the peak value, defined by the
error amplifier associated with the loop regulation, the
flip−flop resets, the NMOS is deactivated and the current is
dumped into the load. Since the timing is application
dependent, the internal timer limits the Toff cycle to 320 ns
(typical), making sure the system operates in a continuous
mode to maximize the energy transfer.
Figure 4. Basic DC−DC Operation
First Startup
Normal Operation
IL
0 mA
Ids
0 mA
Io
0 mA
Iv
Ipeak
t
t
t
t1
t2
Based on the data sheet, the current flowing into the
inductor is bounded by two limits:
Ipeak Value: Internally fixed to 350 mA typical
Iv Value: Limited by the fixed Toff time built in the
chip (320 ns typical)
The system operates in a continuous mode as depicted in
Figure 4 and t1 & t2 times can be derived from basic
equations. (Note: The equations are for theoretical analysis
only, they do not include the losses.)
E
+ L* di
dt
(eq. 1)
Let E = Vbat, then:
t1
+
(Ip
* Iv) * L
Vbat
(eq. 2)
t2
+
(Ip
* Iv) * L
Vo
* Vbat
(eq. 3)
Since t2 = 320 ns typical and Vo = 22 V maximum, then
(assuming a typical Vbat = 3.0 V):
DI +
t2 * (Vo
* Vbat)
L
(eq. 4)
DImax +
320e * 9 *(22
* 3.0)
22e * 6
+ 276 mA
Of course, from a practical stand point, the inductor must
be sized to cope with the peak current present in the circuit
to avoid saturation of the core. On top of that, the ferrite
material shall be capable to operate at high frequency
(1.0 MHz) to minimize the Foucault’s losses developed
during the cycles.
The operating frequency can be derived from the
electrical parameters. Let V = Vo − Vbat, rearranging
Equation 1:
ton
+ dI * L
E
(eq. 5)
Since toff is nearly constant (according to the 320 ns
typical time), the dI is constant for a given load and
inductance value. Rearranging Equation 5 yields:
ton
+
V*dt
L
*L
E
(eq. 6)
Let E = Vbat, and Vopk = output peak voltage, then:
ton
+
(Vopk
* Vbat) * dt
Vbat
(eq. 7)
Finally, the operating frequency is:
F
+
1
ton
) toff
(eq. 8)
The output power supplied by the NCP5007 is limited to
one watt: Figure 5 shows the maximum power that can be
delivered by the chip as a function of the input voltage.


Similar Part No. - NCP5007SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5007SNT1 ONSEMI-NCP5007SNT1 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5007SNT1G ONSEMI-NCP5007SNT1G Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5007SNT1G ONSEMI-NCP5007SNT1G Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
More results

Similar Description - NCP5007SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com