Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1417 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP1417
Description  200 mA DC-DC Step-up Converter with Dual Low Battery Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1417 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP1417 Datasheet HTML 8Page - ON Semiconductor NCP1417 Datasheet HTML 9Page - ON Semiconductor NCP1417 Datasheet HTML 10Page - ON Semiconductor NCP1417 Datasheet HTML 11Page - ON Semiconductor NCP1417 Datasheet HTML 12Page - ON Semiconductor NCP1417 Datasheet HTML 13Page - ON Semiconductor NCP1417 Datasheet HTML 14Page - ON Semiconductor NCP1417 Datasheet HTML 15Page - ON Semiconductor NCP1417 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NCP1417
http://onsemi.com
12
With the feedback resistor divider, additional small
capacitor, CFB1 in parallel with RFB1 is required to ensure
stability. The value can be in between 68 nF to 220 nF, the
rule is to select the lowest capacitance to ensure stability.
Also a small capacitor, CFB2 in parallel with RFB2 may also
be needed to lower the feedback ripple hence improve
output ripple and regulation. In this example, only CFB1 is
used and the value is 150 nF.
Calculate the Low Battery Detect divider:
VLB1 = 2.3 V
Select RLB2 = 330 K
RLB1 + RLB2
VLB1
VREF
* 1
RLB1 + 330 K
2.3 V
1.19 V
* 1 + 308 K
Once the VLB1 is set, the next low battery detection point,
VLB2 will be fixed automatically.
Determine the Steady State Duty Ratio, D for typical VIN,
operation will be optimized around this point:
VOUT
VIN
+
1
1
* D
D
+ 1 *
VIN
VOUT
+ 1 * 2.4 V
3.3 V
+ 0.273
Determine the average inductor current, ILAVG at maximum
IOUT:
ILAVG +
IOUT
1
* D +
200 mA
1
* 0.273 +
275 mA
Determine the peak inductor ripple current, IRIPPLE–P and
calculate the inductor value:
Assume IRIPPLE–P is 25% of ILAVG, the inductance of the
power inductor can be calculated as follows:
IRIPPLE–P + 0.25
275 mA
+ 68.8 mA
L
+
VIN
tON
2IRIPPLE–P
+
2.4 V
1.4
mS
2(68.8 mA)
+ 24.4 mH
Standard value of 22
mH is selected for initial trial.
Determine the output voltage ripple, VOUT–RIPPLE and
calculate the output capacitor value:
VOUT
* RIPPLE + 40 mVP–P at IOUT + 200 mA
COUT u
IOUT
tON
VOUT–RIPPLE * IOUT
ESRCOUT
where tON + 1.4 mS and ESRCOUT + 0.15 W,
COUT u
200 mA
1.4
mS
40 mV
* 200 mA
0.15
W +
28
mF
From above calculation, you need at least 28
mF in order
to achieve the specified ripple level at conditions stated.
Practically, a one level larger capacitor will be used to
accommodate factors not take into account in the
calculation. So a capacitor value of 33
mF is selected as
initial trial.


Similar Part No. - NCP1417

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1417DMR2 ONSEMI-NCP1417DMR2 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
More results

Similar Description - NCP1417

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
logo
Linear Technology
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com