Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1417 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1417
Description  200 mA DC-DC Step-up Converter with Dual Low Battery Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1417 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1417 Datasheet HTML 3Page - ON Semiconductor NCP1417 Datasheet HTML 4Page - ON Semiconductor NCP1417 Datasheet HTML 5Page - ON Semiconductor NCP1417 Datasheet HTML 6Page - ON Semiconductor NCP1417 Datasheet HTML 7Page - ON Semiconductor NCP1417 Datasheet HTML 8Page - ON Semiconductor NCP1417 Datasheet HTML 9Page - ON Semiconductor NCP1417 Datasheet HTML 10Page - ON Semiconductor NCP1417 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1417
http://onsemi.com
7
0
20
40
60
80
100
BATTERY INPUT VOLTAGE, VBATT/V
1
1.5
2.5
3
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 15
mH
100 mA
2
150 mA
–3
–2
–1
0
1
3
OUTPUT LOADING CURRENT, ILOAD/mA
1
10
100
1000
L = 15
mH
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
2
3 V
1.8 V
2.2 V
0
4
8
12
16
20
INPUT VOLTAGE AT OUT PIN, VOUT/V
01
2
6
0
20
40
60
80
100
BATTERY INPUT VOLTAGE, VBATT/V
1
1.5
2.5
3
–3
–2
–1
0
1
3
OUTPUT LOADING CURRENT, ILOAD/mA
Figure 15. Output Voltage Change
versus Load Current
1
10
100
1000
Figure 16. Output Voltage Change versus
Load Current
Figure 17. Battery Input Voltage versus
Output Ripple Voltage
Figure 18. Battery Input Voltage versus
Output Ripple Voltage
Figure 19. No Load Operating Current
versus Input Voltage at OUT Pin
Figure 20. Startup Transient Response
L = 22
mH
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 22
mH
100 mA
2
3 V
1.8 V
2.2 V
2
150 mA
34
5
(VIN = 2.2 V, VOUT = 3.3 V, ILOAD = 100 mA; L = 22 µH,
COUT = 33 µF)
Upper Trace: Output Voltage Waveform, 1.0 V/Division
Lower Trace: Shutdown Pin Waveform, 1.0 V/Division


Similar Part No. - NCP1417

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1417DMR2 ONSEMI-NCP1417DMR2 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
More results

Similar Description - NCP1417

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
logo
Linear Technology
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com