Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1417 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP1417
Description  200 mA DC-DC Step-up Converter with Dual Low Battery Protection
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1417 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP1417
http://onsemi.com
6
OUTPUT LOADING CURRENT, ILOAD/mA
1
10
100
1000
50
60
70
80
90
100
50
60
70
80
90
100
OUTPUT LOADING CURRENT, ILOAD/mA
1
10
100
1000
OUTPUT LOADING CURRENT, ILOAD/mA
1
10
100
1000
50
60
70
80
90
100
50
60
70
80
90
100
OUTPUT LOADING CURRENT, ILOAD/mA
1
10
100
1000
L = 27
µH
50
60
70
80
90
100
OUTPUT LOADING CURRENT, ILOAD/mA
Figure 9. Efficiency versus Load Current
1
10
100
1000
OUTPUT LOADING CURRENT, ILOAD/mA
Figure 10. Efficiency versus Load Current
Figure 11. Efficiency versus Load Current
Figure 12. Efficiency versus Load Current
Figure 13. Efficiency versus Load Current
Figure 14. Efficiency versus Load Current
VIN = 2.2 V
VOUT = 5 V
CIN = 10 µF
COUT = 33 µF
1
10
100
1000
50
60
70
80
90
100
L = 22
µH
L = 15
µH
L = 10
µH
VIN = 1.8 V
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 22
µH
VIN = 2.2 V
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 22
µH
L = 15
µH
L = 10
µH
VIN = 3 V
VOUT = 5 V
CIN = 10 µF
COUT = 33 µF
L = 22
µH
L = 27
µH
VIN = 3 V
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 22
µH
L = 15
µH
L = 10
µH
VIN = 4.5 V
VOUT = 5 V
CIN = 10 µF
COUT = 33 µF
L = 22
µH
L = 27
µH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn