Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4417A Datasheet(PDF) 11 Page - Keysight Technologies

Part # E4417A
Description  Power Meters and E-Series E9320 Peak and Average Power Sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4417A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E4417A Datasheet HTML 7Page - Keysight Technologies E4417A Datasheet HTML 8Page - Keysight Technologies E4417A Datasheet HTML 9Page - Keysight Technologies E4417A Datasheet HTML 10Page - Keysight Technologies E4417A Datasheet HTML 11Page - Keysight Technologies E4417A Datasheet HTML 12Page - Keysight Technologies E4417A Datasheet HTML 13Page - Keysight Technologies E4417A Datasheet HTML 14Page - Keysight Technologies E4417A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 | Keysight | E4416A/E4417A EPM-P Series Power Meters and E-Series E9320 Peak and Average Power Sensors – Data Sheet
Figure 3. Typical SWR for the E9323A and E9327A sensors at various power levels
Figure 2. Typical SWR for the E9322A and E9326A sensors at various power levels
Sensor Linearity
Table 6a. Power sensor linearity, normal mode (upper and lower range)
Sensor model
Temperature
( 25 ± 10 °C)
Temperature
(0 to 55 °C)
E9321A and E9325A
± 4.2%
± 5.0%
E9322A and E9326A
± 4.2%
± 5.0%
E9323A and E9327A
± 4.2%
± 5.0%
Table 6b. Power sensor linearity, average only mode (upper and lower range).
Sensor model
Temperature
( 25 ± 10 °C)
Temperature
(0 to 55 °C)
E9321A and E9325A
± 3.7%
± 4.5%
E9322A and E9326A
± 3.7%
± 4.5%
E9323A and E9327A
± 3.7%
± 5.0 %
If the sensor temperature changes after calibration, and the meter and sensor is not
re-calibrated, then the following additional linearity errors should be added to the
linearity figures in Tables 6a and 6b.


Similar Part No. - E4417A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4411B HP-E4411B Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results

Similar Description - E4417A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
   U2020 X-Series USB Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com