Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200Y3 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y3
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200Y3 Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSC1200Y3 Datasheet HTML 41Page - Texas Instruments MSC1200Y3 Datasheet HTML 42Page - Texas Instruments MSC1200Y3 Datasheet HTML 43Page - Texas Instruments MSC1200Y3 Datasheet HTML 44Page - Texas Instruments MSC1200Y3 Datasheet HTML 45Page - Texas Instruments MSC1200Y3 Datasheet HTML 46Page - Texas Instruments MSC1200Y3 Datasheet HTML 47Page - Texas Instruments MSC1200Y3 Datasheet HTML 48Page - Texas Instruments MSC1200Y3 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
MSC1200
45
SBAS289E
www.ti.com
Auxiliary interrupts will wake up from IDLE. They are enabled with EAI (EICON.5).
EWUWDT
Enable Wake Up Watchdog Timer. Wake up using watchdog timer interrupt.
bit 2
0 = Don’t wake up on watchdog timer interrupt.
1 = Wake up on watchdog timer interrupt.
EWUEX1
Enable Wake Up External 1. Wake up using external interrupt source 1.
bit 1
0 = Don’t wake up on external interrupt source 1.
1 = Wake up on external interrupt source 1.
EWUEX0
Enable Wake Up External 0. Wake up using external interrupt source 0.
bit 0
0 = Don’t wake up on external interrupt source 0.
1 = Wake up on external interrupt source 0.
System Clock Divider Register (SYSCLK)
Enable Wake Up (EWU) Waking Up from IDLE Mode
7
6
5
4
3
2
1
0
Reset Value
SFR C6H
——
EWUWDT
EWUEX1
EWUEX0
00H
7
6
5
4
3
2
1
0
Reset Value
SFR C7H
0
0
DIVMOD1
DIVMOD0
0
DIV2
DIV1
DIV0
00H
DIVMOD
DIVIDE MODE
00
Normal mode (default, no divide)
01
Immediate mode: start divide immediately, return to Normal mode on IDLE wakeup condition or Normal mode write.
10
Delay mode: same as Immediate mode, except that the mode changes with the millisecond interrupt (MSINT). If MSINT is
enabled, the divide will start on the next MSINT and return to normal mode on the following MSINT. If MSINT is not
enabled, the divide will start on the next MSINT condition (even if masked) but will not leave the divide mode until the
MSINT counter overflows, which follows a wakeup condition. Can exit on Normal mode write.
11
Manual mode: start divide immediately; exit mode only on write to DIVMOD.
DIVMOD
DIVISION MODE STATUS
00
No divide
01
Divider is in Immediate mode
10
Divider is in Delay mode
11
Reserved
DIV
DIVISOR
000
Divide by 2 (default)
fCLK = fSYS/2
001
Divide by 4
fCLK = fSYS/4
010
Divide by 8
fCLK = fSYS/8
011
Divide by 16
fCLK = fSYS/16
100
Divide by 32
fCLK = fSYS/32
101
Divide by 1024
fCLK = fSYS/1024
110
Divide by 2048
fCLK = fSYS/2048
111
Divide by 4096
fCLK = fSYS/4096
DIVMOD1-0 Clock Divide Mode
bits 5-4
Write:
Read:
DIV2-0
Divide Mode
bit 2-0


Similar Part No. - MSC1200Y3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y3 TI1-MSC1200Y3 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
MSC1200Y3PFBR TI1-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y3PFBR TI-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y3PFBR TI1-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200Y3PFBRG4 TI1-MSC1200Y3PFBRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results

Similar Description - MSC1200Y3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com