Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC05-05DA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC05-05DA
Description  AC-DC Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-05DA Datasheet(HTML) 1 Page - Recom International Power

  RAC05-05DA Datasheet HTML 1Page - Recom International Power RAC05-05DA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOT RECOMMENDED
FOR
NEW DESIGNS
5 Watt
Single/Dual
Output
AC-DC Power Supply
5 Watt PCB Mount Package
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
UL Approved, CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC05-3.3SA
90-264
3.3
1500
62
40000µF
RAC05-05SA
90-264
5
1000
65
19000µF
RAC05-12SA
90-264
12
416
70
4000µF
RAC05-15SA
90-264
15
333
70
3500µF
RAC05-24SA
90-264
24
200
71
900µF
RAC05-05DA
90-264
±5
±500
70
±9500µF
RAC05-12DA
90-264
±12
±200
67
±1400µF
RAC05-15DA
90-264
±15
±160
67
±950µF
*add suffix “-E” for extended temperature range, e.g. RAC05-05SA-E
*add suffix "-ST” for screw terminal module e.g. RAC05-05SA-ST, RAC05-05DA-E-ST
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
5 Watts max
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
120mA /70mA max.
No Load Power Consumption
115VAC/230VAC
1.18W max.
Inrush Current (<2ms)
115VAC
10A max. (-E = 23A max.)
230VAC
20A max. (-E = 46A max.)
Leakage Current
0.75mA max
Output Voltage Accuracy (full load)
±2%
Line Voltage Regulation (low line, high line at full load)
±0.3% typ
Load Voltage Regulation ( 5% to 100% full load )
±0.5% typ
Output Ripple and Noise (20MHz limited)
Ripple
<0.2% Vout + 40mVp-p max
Noise
0.5% Vout + 50mVp-p max
Operating Frequency
100kHz typ
Efficiency at full Load
see table
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Temperature Coefficient
±0.02%/°C typ
Isolation Resistance
100 M
Ω max
Short Circuit Protection
Hiccup, Automatic Restart
Operating Temperature Range
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
80g
Packing Quantity
5 pcs (-ST Version: 1 pc)
EMC
EN 55022 ClassB / EN 50082-1
MTBF (+25°C)
using MIL-HDBK-217F
300 x 103 hours
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
E-Version
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Compact UL certified switching AC/DC power module for PCB,
screw-terminal connection or DIN-rail mounting.
UL-60950-1 Certified
RAC05-A
POWERLINE
AC/DC-Converter
with 3 year Warranty
E196683
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
PA-26
www.recom-power.com
REV: 1/2014


Similar Part No. - RAC05-05DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-05DA RECOM-RAC05-05DA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
RAC05-05DA RECOM-RAC05-05DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
More results

Similar Description - RAC05-05DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com