Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200Y2 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y2
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200Y2 Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSC1200Y2 Datasheet HTML 49Page - Texas Instruments MSC1200Y2 Datasheet HTML 50Page - Texas Instruments MSC1200Y2 Datasheet HTML 51Page - Texas Instruments MSC1200Y2 Datasheet HTML 52Page - Texas Instruments MSC1200Y2 Datasheet HTML 53Page - Texas Instruments MSC1200Y2 Datasheet HTML 54Page - Texas Instruments MSC1200Y2 Datasheet HTML 55Page - Texas Instruments MSC1200Y2 Datasheet HTML 56Page - Texas Instruments MSC1200Y2 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
MSC1200
53
SBAS289E
www.ti.com
Hardware Product Code Register 0 (HWPC0)
HWPC0.7-0
Hardware Product Code LSB. Read only.
bits 7-0
7
6
5
4
3
2
1
0
Reset Value
SFR E9H
0
0
0
0
0
0
0
MEMORY
0000_000xB
7
6
5
4
3
2
1
0
Reset Value
SFR EAH
0
0
1
000
00
20H
HWPC1.7-0
Hardware Product Code MSB. Read only.
bits 7-0
Hardware Version Register (HWVER)
PGERA
Page Erase. Available in both user and program modes.
bit 6
0 = Disable Page Erase Mode
1 = Enable Page Erase Mode
FRCM
Frequency Control Mode. The bypass is only used for slow clocks to save power.
bit 4
0 = Bypass (default)
1 = Use Delay Line. Saves power (Recommended).
BUSY
Write/Erase BUSY Signal.
bit 2
0 = Idle or Available
1 = Busy
Flash Memory Timing Control Register (FTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR EEH
0
PGERA
0
FRCM
0
BUSY
1
0
02H
7
6
5
4
3
2
1
0
Reset Value
SFR EFH
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5H
MEMORY SIZE
MODEL
FLASH MEMORY
0
MSC1200Y2
4kB
1
MSC1200Y3
8kB
Hardware Product Code Register 1 (HWPC1)
Refer to Flash Timing Characteristics
FER3-0
Set Erase. Flash Erase Time = (1 + FER) • (MSEC + 1) • tCLK.
bits 7-4
11ms industrial temperature range.
5ms commercial temperature range.
FWR3-0
Set Write. Flash Write Time = (1 + FWR) • (USEC + 1) • 5 • tCLK.
bits 3-0
30
µs to 40µs.
7
6
5
4
3
2
1
0
Reset Value
SFR EBH
Flash Memory Control (FMCON)
B Register (B)
B
B Register. This register serves as a second accumulator for certain arithmetic operations.
bits 7-0
7
6
5
4
3
2
1
0
Reset Value
SFR F0H
00H


Similar Part No. - MSC1200Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBR TI-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200Y2PFBRG4 TI1-MSC1200Y2PFBRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results

Similar Description - MSC1200Y2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com