Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200 Datasheet(PDF) 54 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 54 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 50Page - Texas Instruments MSC1200 Datasheet HTML 51Page - Texas Instruments MSC1200 Datasheet HTML 52Page - Texas Instruments MSC1200 Datasheet HTML 53Page - Texas Instruments MSC1200 Datasheet HTML 54Page - Texas Instruments MSC1200 Datasheet HTML 55Page - Texas Instruments MSC1200 Datasheet HTML 56Page - Texas Instruments MSC1200 Datasheet HTML 57Page - Texas Instruments MSC1200 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
MSC1200
54
SBAS289E
www.ti.com
PSEN4-0
PSEN Mode Select. Defines the output on P3.6 in User Application mode or Serial Flash Programming mode.
bits 7-3
00000: General-Purpose I/O (default)
00001: SYSCLK
00011: Internal PSEN (refer to Figure 3 for timing)
00101: Internal ALE (refer to Figure 3 for timing)
00111: fOSC(buffered XIN oscillator clock)
01001: Memory WR (MOVX write)
01011: T0 Out (overflow)(1)
01101: T1 Out (overflow)(1)
01111: fMOD(2)
10001: SYSCLK/2 (toggles on rising edge)(2)
10011: Internal PSEN/2(2)
10101: Internal ALE/2(2)
10111: fOSC/2(2)
11001: Memory WR/2 (MOVX write)(2)
11011: T0 Out/2 (overflow)(2)
11101: T1 Out/2 (overflow)(2)
11111: fMOD/2(2)
NOTES: (1) On period of these signals equal to tCLK. (2) Duty cycle is 50%.
7
6
5
4
3
2
1
0
Reset Value
SFR F1H
PDICLK
PDIDAC
PDI2C
0
PDADC
PDWDT
PDSPI
PDSPI
6FH
Turning peripheral modules off puts the MSC1200 in the lowest power mode.
PDICLK
Internal Clock Control.
bit 7
0 = Internal Oscillator and PLL On (Internal Oscillator or PLL mode)
1 = Internal Oscillator and PLL Power Down (External Clock mode)
PDIDAC
IDAC Control.
bit 6
0 = IDAC On
1 = IDAC Power Down (default)
PDI2C
I2C Control.
bit 5
0 = I2C On (only when PDSPI = 1)
1 = I2C Power Down (default)
PDADC
ADC Control.
bit 3
0 = ADC On
1 = ADC, VREF, and Summation registers are powered down (default).
PDWDT
Watchdog Timer Control.
bit 2
0 = Watchdog Timer On
1 = Watchdog Timer Power Down (default)
PDST
System Timer Control.
bit 1
0 = System Timer On
1 = System Timer Power Down (default)
PDSPI
SPI Control.
bit 0
0 = SPI System On
1 = SPI System Power Down (default)
PSEN
/ALE Select (PASEL)
7
6
5
4
3
2
1
0
Reset Value
SFR F2H
PSEN4
PSEN3
PSEN2
PSEN1
PSEN0
0
0
0
00H
Power-Down Control Register (PDCON)


Similar Part No. - MSC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
logo
Texas Instruments
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
More results

Similar Description - MSC1200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com