Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200 Datasheet(PDF) 51 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 47Page - Texas Instruments MSC1200 Datasheet HTML 48Page - Texas Instruments MSC1200 Datasheet HTML 49Page - Texas Instruments MSC1200 Datasheet HTML 50Page - Texas Instruments MSC1200 Datasheet HTML 51Page - Texas Instruments MSC1200 Datasheet HTML 52Page - Texas Instruments MSC1200 Datasheet HTML 53Page - Texas Instruments MSC1200 Datasheet HTML 54Page - Texas Instruments MSC1200 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
MSC1200
51
SBAS289E
www.ti.com
SHF2-0
Shift Count.
bits 2-0
SUMR0
Summation Register 0. This is the least significant byte of the 32-bit summation register or bits 0 to 7.
bits 7-0
Write: will cause values in SUMR3-0 to be added to or subtracted from the summation register.
Read: will clear the Summation Interrupt.
Summation Register 1 (SUMR1)
SHF2
SHF1
SHF0
SHIFT
DIVIDE
00
0
1
2
00
1
2
4
01
0
3
8
01
1
4
16
10
0
5
32
10
1
6
64
1
1
0
7
128
1
1
1
8
256
7
6
5
4
3
2
1
0
Reset Value
SFR E2H
LSB
00H
SUMR1
Summation Register 1. This is the most significant byte of the lowest 16 bits of the summation register or bits 8-15.
bits 7-0
Summation Register 2 (SUMR2)
7
6
5
4
3
2
1
0
Reset Value
SFR E3H
00H
SUMR2
Summation Register 2. This is the most significant byte of the lowest 24 bits of the summation register or bits 16-23.
bits 7-0
7
6
5
4
3
2
1
0
Reset Value
SFR E4H
00H
SSCON1-0 Summation/Shift Control.
bits 7-6
SCNT2-0
Summation Count. When the summation is complete an interrupt will be generated unless masked. Reading the
bits 5-3
SUMR0 register clears the interrupt.
SCNT2
SCNT1 SCNT0
SUMMATION COUNT
00
0
2
00
1
4
01
0
8
01
1
16
10
0
32
10
1
64
1
1
0
128
1
1
1
256
SSCON1 SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
DESCRIPTION
0
0
0
0
0
0
0
0
Clear Summation Register
0
0
0
1
0
0
0
0
CPU Summation on Write to SUMR0
0
0
1
0
0
0
0
0
CPU Subtraction on Write to SUMR0
1
0
x
x
x
Note (1)
Note (1)
Note (1)
CPU Shift Only
0
1
Note (1)
Note (1)
Note (1)
x
x
x
ADC Summation Only
1
1
Note (1)
Note (1)
Note (1)
Note (1)
Note (1)
Note (1)
ADC Summation Completes then Shift Completes
NOTES: (1) Refer to register bit definition.
7
6
5
4
3
2
1
0
Reset Value
SFR E5H
MSB
00H
Summation Register 3 (SUMR3)
SUMR3
Summation Register 3. This is the most significant byte of the 32-bit summation register or bits 24-31.
bits 7-0
Summation Register 0 (SUMR0)


Similar Part No. - MSC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
logo
Texas Instruments
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
More results

Similar Description - MSC1200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com